Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8752AB-AS Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # SI8752AB-AS
Description  Isolated FET Driver with Pin Control or Diode Emulator Inputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI8752AB-AS Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button SI8752AB-AS Datasheet HTML 7Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 8Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 9Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 10Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 11Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 12Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 13Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 14Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 15Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Table 4.3. Insulation and Safety-Related Specifications
Parameter
Symbol
Test Condition
SOIC-8 Value
Unit
Nominal External Air Gap
(Clearance)
CLR
4.7
mm
Nominal External Tracking
(Creepage)
CPG
3.9
mm
Minimum Internal Gap
(Internal Clearance)
DTI
0.008
mm
Tracking Resistance
PTI
IEC60112
600
V
Erosion Depth
ED
0.04
mm
Resistance
(Input-Output)1
RIO
1012
Ω
Capacitance
(Input-Output)1
CIO
f = 1 MHz
0.5
pF
Input Capacitance2
CI
3.0
pF
Notes:
1. To determine resistance and capacitance, the Si875x is converted into a 2-terminal device. All pins on side 1 are shorted to
create terminal 1, and all pins on side 2 are shorted to create terminal 2. The parameters are then measured between these two
terminals.
2. Measured from input pin to ground.
Table 4.4. IEC 60664-1 Ratings
Parameter
Test Condition
SOIC-8 Specification
Basic Isolation Group
Material Group
I
Installation Classification
Rated Mains Voltages < 150 VRMS
I-IV
Rated Mains Voltages < 300 VRMS
I-III
Rated Mains Voltages < 400 VRMS
I-II
Rated Mains Voltages < 600 VRMS
I-II
Si8751/52 Data Sheet • Electrical Specifications
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
11
206331A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 27, 2022
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com