Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8752AB-AS Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # SI8752AB-AS
Description  Isolated FET Driver with Pin Control or Diode Emulator Inputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI8752AB-AS Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button SI8752AB-AS Datasheet HTML 4Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 5Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 6Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 7Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 8Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 9Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 10Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 11Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 12Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
4. Electrical Specifications
Table 4.1. Electrical Specifications
• Automotive: VDD=2.25 to 5.5V; GND=0V; TA=-40 to +125ºC; typical specs at 25ºC; TJ=-40 to +150ºC
• Industrial: VDD=2.25 to 5.5V; GND=0V; TA=-40 to +105ºC; typical specs at 25ºC; TJ=-40 to +150ºC
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Si8751 Only
Input Side
Supply Voltage
VDD
2.25
3.3
5.5
V
Supply Current
IDD
IN = 0V
—
140
—
nA
IN = VDD, TT = GND
—
13.8
17
mA
IN = VDD, TT = 10 kΩ
—
7.8
9.5
mA
IN = VDD, TT unconnected
—
1.5
1.8
mA
High Level Input Voltage
VIH
50% of VDD
—
—
V
Low Level Input Voltage
VIL
—
—
25% of VDD
V
Input Hystersis
VHYS
—
180
—
mV
Driver Side
GATE Off Voltage
VG(OFF)
IN = 0 V
—
0
—
mV
GATE On Voltage
VG(ON)
IN = VDD, TT = GND
7.5
10
13
V
IN = VDD, TT = 10 kΩ
9
10.8
13
V
IN = VDD, TT unconnected
9
10.8
13
V
GATE On Impedance
RG
IN = VDD, TT = GND
—
162
330
kΩ
IN = VDD, TT = 10 kΩ
—
265
370
kΩ
IN = VDD, TT unconnected
—
1.5
1.85
MΩ
Turn-off Time
TG(OFF)
IN = 0 V
—
15
35
µs
Turn-on Time (50% of VG(ON))
TG(ON)
TT = GND
—
42
120
µs
TT = 10 kΩ
—
58
170
µs
TT unconnected
—
286
650
µs
Turn-on Time (90% of VG(ON))
TG(ON)
TT = GND
—
85.3
190
µs
TT = 10 kΩ
—
130
260
µs
TT unconnected
—
0.7
1.2
ms
Si8752 Only
Input Side
Input Current
IF(ON)
1.0
—
30.0
mA
Guaranteed Off Current
IF(OFF)
—
—
10
µA
Forward Voltage (OFF)
VF(OFF)
Measured ANODE with respect to Cathode
—
0
—
V
Si8751/52 Data Sheet • Electrical Specifications
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
8
206331A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 27, 2022
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com