Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8752AB-AS Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # SI8752AB-AS
Description  Isolated FET Driver with Pin Control or Diode Emulator Inputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI8752AB-AS Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button SI8752AB-AS Datasheet HTML 3Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 4Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 5Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 6Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 7Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 8Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 9Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 10Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
3. Applications
The following examples illustrate typical circuit configurations using the Si8751/52.
3.1 DC SSR Example
The Si875x device can be used to control a dc load as shown in the following figure:
MCAP1
GATE
SOURCE
IN
MCAP2
VDD
TT
GND
VDC
DC Load
Figure 3.1. Driving an FET for DC Load Including Miller Clamp Capacitor
In this configuration, the Si8751 charges the gate of the external FET; turning it on. This switches on power, supplied by VDC, to the
load. The output side circuitry is identical if using the Si8752.
3.2 AC SSR Example
The Si875x can be used to control power to an ac load using the following circuit:
AC Load
AC
Supply
MCAP1
GATE
SOURCE
IN
VDD
TT
GND
MCAP2
Figure 3.2. Driving FETs for AC Load Switching
In this configuration, both FET’s are turned on by the charge delivered by the Si8751. This allows ac current to flow to the load. When
the Si875x is turned off, charge is drained form the gates of both FET’s and the ac current is turned off. The output side circuitry is
identical if using the Si8752.
Si8751/52 Data Sheet • Applications
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
7
206331A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 27, 2022
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com