Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8752AB-AS Datasheet(PDF) 20 Page - Skyworks Solutions Inc.

Part # SI8752AB-AS
Description  Isolated FET Driver with Pin Control or Diode Emulator Inputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI8752AB-AS Datasheet(HTML) 20 Page - Skyworks Solutions Inc.

Back Button SI8752AB-AS Datasheet HTML 16Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 17Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 18Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 19Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 20Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 21Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 22Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 23Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 24Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
5.2 Si8752 Pin Descriptions
1
2
3
4
5
6
7
8 GATE
MCAP2
MCAP1
SOURCE
CATHODE
ANODE
NC
Si8752
NC
Figure 5.2. Pin Assignments Si8752
Table 5.2. Si8752 Pin Descriptions
Pin
Name
Description
1
NC
No Connect
2
ANODE
Anode of LED emulator
3
NC
No Connect
4
CATHODE
Cathode of LED emulator
5
SOURCE
Connection to switch FET Source
6
MCAP2
Miller capacitance control 2 (optional)
7
MCAP1
Miller capacitance control 1 (optional)
8
GATE
Connection to switch FET Gate
Si8751/52 Data Sheet • Pin Descriptions
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
20
206331A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 27, 2022
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com