Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8752AB-AS Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # SI8752AB-AS
Description  Isolated FET Driver with Pin Control or Diode Emulator Inputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI8752AB-AS Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button SI8752AB-AS Datasheet HTML 5Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 6Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 7Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 8Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 9Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 10Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 11Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 12Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 13Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage (ON)
VF(ON)
1 mA < IF < 10 mA, measured ANODE with
respect to cathode
1.8
—
2.35
V
10 mA < IF < 30 mA, measured ANODE with
respect to cathode
2.03
—
2.7
V
Driver Side
GATE Off Voltage
VG(OFF)
IF = 0 mA
—
0
—
mV
GATE On Voltage
VG(ON)
IF = 1 mA
8
10.3
13
V
IF = 10 mA
8
10.3
13
V
IF = 30 mA
8
10.9
13
V
GATE On Impedance
RG
IF = 1 mA
—
2.7
3.5
MΩ
IF = 10 mA
—
194
300
kΩ
IF = 30 mA
—
168
290
kΩ
Turn-off Time
TG(OFF)
IF = 0 mA
—
15
35
µs
Turn-on Time (50% of VG(ON))
TG(ON)
IF = 1 mA
—
463
720
µs
IF = 10 mA
—
41
125
µs
IF = 30 mA
—
36
90
µs
Turn-on Time (90% of VG(ON))
TG(ON)
IF = 1 mA
—
1.1
1.49
ms
IF = 10 mA
—
94
190
µs
IF = 30 mA
—
82
180
µs
Si8751 and Si8752
Miller Clamp Current
IMC
Max input current
—
—
6
mA
Miller Clamp Pull-Down Current
IG
IMC = 50 µA; VGate = 1 V
5
12.8
—
mA
Gate OFF Impedance
IF = 0 mA (Si8752)
IN = 0 V (Si8751)
—
21.5
—
MΩ
Common Mode Transient Immunity
VCM = 1500 V
20
—
—
kV/µs
Note:
1. All measurements use 100 pF gate capacitance load unless specified.
Si8751/52 Data Sheet • Electrical Specifications
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
9
206331A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 27, 2022
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com