Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8752AB-AS Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SI8752AB-AS
Description  Isolated FET Driver with Pin Control or Diode Emulator Inputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI8752AB-AS Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SI8752AB-AS Datasheet HTML 1Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 2Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 3Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 4Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 5Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 6Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 7Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 8Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
2.2 Power Supply Connections (Si8751 Only)
The Si8751 requires a 0.1 µF bypass capacitor between VDD and GND. The capacitor should be placed as close as possible to the
package. To enhance the robustness of a design, the user may also include a 1 µf capacitor for bulk decoupling as well as a resistor
(50–300 Ω) in series with the input if the system is excessively noisy.
2.3 TT Pin Description (Si8751 Only)
The Si8751 provides a pin to control how much current is consumed by the supply when the input pin is logic high. The more current
consumed by the input supply, the faster the output can turn on the external FET. This allows the application designer to optimize the
tradeoff between power consumption and switching time.
Typically, this pin is connected to the supply ground through a resistor. The greater the value of the resistor, the less current is
consumed by the input supply. Values can range from 0 Ω (shorted to ground) to open (TT not connected).
In addition to a resistor, a capacitor, typically 0.1 µf, can be placed in parallel to the resistor. This allows the device to draw more
current to switch the external FET on quickly yet draw less supply current in the steady state. Total power over time is reduced while
maintaining fast switching of the FET.
TT
IN
MCAP1
GATE
SOURCE
IN
VDD
GND
MCAP2
Figure 2.5. Si8751 TT Example
Max Drive
Current
Static Drive
Current
~1/C
t
Figure 2.6. Drive Current vs. Time Using TT with Capacitor
2.4 LED Emulator Input (Si8752 Only)
Figure 2.8. Diode Emulator Model and I-V Curve
The Si8752 uses input current to achieve the development of power across the isolation barrier. Therefore, the more current provided to
the input, the more power is developed on the isolated side of the device. This translates into a faster turn on time of the external FET.
This benefit is limited to an input current of about 15 mA. Beyond that, increasing the input current has little effect on the switching time
of the external FET.
Si8751/52 Data Sheet • System Overview
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
5
206331A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 27, 2022
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com