Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8752AB-AS Datasheet(PDF) 15 Page - Skyworks Solutions Inc.

Part # SI8752AB-AS
Description  Isolated FET Driver with Pin Control or Diode Emulator Inputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI8752AB-AS Datasheet(HTML) 15 Page - Skyworks Solutions Inc.

Back Button SI8752AB-AS Datasheet HTML 11Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 12Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 13Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 14Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 15Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 16Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 17Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 18Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 19Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Table 4.8. Absolute Maximum Ratings1
Parameter
Symbol
Min
Max
Units
Storage Temperature
TSTG
–65
+150
°C
Operating Temperature
TA
–40
+125
°C
Junction Temperature
TJ
—
+150
°C
Input-side supply voltage (Si8751)
VDD
–0.6
6.0
V
Voltage on any input side pin with respect to ground (pin
4, Si8751 only)
VIO
–0.5
VDD + 0.5
V
Average Forward Anode Current (Si8752)
IF(AVG)
—
30
mA
Reverse Anode Voltage (Si8752)
VR
—
0.3
V
Lead Solder Temperature (10 s)
—
260
°C
ESD Rating, HBM
—
3500
V
ESD Rating, CDM
—
2000
V
Maximum Isolation Voltage (Input to Output) (1 sec)
SOIC-8
—
3000
VRMS
Latch-up Immunity
—
400
kV/μs
Note:
1. Permanent device damage may occur if the absolute maximum ratings are exceeded. Functional operation should be restricted to
the conditions specified in the operational sections of this data sheet.
Si8751/52 Data Sheet • Electrical Specifications
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
15
206331A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 27, 2022
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com