Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8752AB-AS Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SI8752AB-AS
Description  Isolated FET Driver with Pin Control or Diode Emulator Inputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI8752AB-AS Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SI8752AB-AS Datasheet HTML 1Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 2Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 3Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 4Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 5Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 6Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 7Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 8Page - Skyworks Solutions Inc. SI8752AB-AS Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Si8751/52 Data Sheet
Isolated FET Driver with Pin Control or Diode Emulator Inputs
The Si875x enables new pathways to the creation of custom Solid State Relay (SSR)
configurations. The Si875x integrates robust isolation technology with an SSR FET driver. A
floating secondary side dc power supply is unnecessary as the product generates its own
self-contained gate drive output voltage. When combined with a customer-selected external
FET, a complete Solid State Relay is formed, allowing customers to optimize their system
for cost, PCB area, power, On-Resistance, and thermal performance.
Customers have a choice of digital input control (Si8751) or diode emulation control
(Si8752) to best suit their application. The Si875x integrates versatile outputs that support
driving AC or DC load configurations.
The Si875x eliminates the need for bulky mechanical relays which can be difficult to assem-
ble onto PCBs and add switching noise to the system.
Traditional SSRs integrate optocoupler-style LED inputs, which limit the operating tempera-
ture range of the solution. The Si875x experiences no such limitation and can support full
industrial and automotive temperature ranges with increased stability and longer life.
The Si875x drives FET gates with a nominal 10 V using as little as 1 mA input current.
Increasing the input current to 10 mA enables turn-on times as fast as 94 μs. Input side
voltages on the Si8751 are flexible from 2.25 V to 5.5 V supporting seamless connection
to low-power controllers. The Si875x devices provide an Active Miller Clamp to prevent the
unintended turn-on of the external FET when a high dV/dt is present on the FET’s drain.
The Si875x is qualified to the AEC-Q100 standard, making it suitable for automotive applica-
tions. Further, its 2.5 KVrms isolation rating forms the basis for full certification to UL, CSA,
VDE, and CQC.
Applications include mechanical relay, photo switch, or SSR replacement in motor control,
valve control, HVAC relay, automotive, charging, battery monitoring, ac mains line switching,
and more.
The Si8751 and Si8752 come in ROHS-compliant SOIC-8 packaging, providing a compact,
industry-standard footprint and generous margin to creepage and clearance requirements.
KEY FEATURES
• Drives user-selected external FETs
• Choice of digital input control (Si8751)
or diode emulation control (Si8752)
• Internally generated secondary side
power supply
• 10 V output with 1 mA input current
• As fast as 82 μs turn-on time and 46
us turn-off time
• Active Miller Clamp to prevent
unintended turn-on and reduce
inductive chatter
• Supports AC or DC load switching
• 2.5 KVrms isolation rating
• UL, CSA, VDE, and CQC certifications
• AEC-Q100 qualified
• Industrial –40 to 105 °C or Automotive
–40 to 125 °C temperature ranges
• ROHS-compliant SOIC-8 Package
APPLICATIONS
• Motor Controls
• Valve Controls
• HVAC Relays
• HEV/EV Automotive Charging
• Battery Monitoring
• AC Mains Line Switching
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
1
206331A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 27, 2022
1


Similar Part No. - SI8752AB-AS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8751 SILABS-SI8751 Datasheet
577Kb / 27P
Digital CMOS input option
More results

Similar Description - SI8752AB-AS

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADR-009190-000100 MA-COM-MADR-009190-000100 Datasheet
170Kb / 9P
Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009443-000100 MA-COM-MADR-009443-000100 Datasheet
149Kb / 8P
Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009190-000100_V4 MA-COM-MADR-009190-000100_V4 Datasheet
203Kb / 8P
Quad Driver for GaAs FET or PIN Diode
MADR-009190-000100-V4 MA-COM-MADR-009190-000100-V4 Datasheet
203Kb / 8P
Quad Driver for GaAs FET or PIN Diode
MADR-009269-000100 MA-COM-MADR-009269-000100 Datasheet
274Kb / 8P
Single Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009443-000100 MA-COM-MADR-009443-000100 Datasheet
149Kb / 8P
Quad Driver for GaAs FET or PIN Diode
MADR-009269-000100 MA-COM-MADR-009269-000100_15 Datasheet
274Kb / 8P
Single Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009269 MA-COM-MADR-009269 Datasheet
741Kb / 9P
Single Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009443 MA-COM-MADR-009443 Datasheet
677Kb / 10P
Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009190 MA-COM-MADR-009190_15 Datasheet
772Kb / 10P
Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com