Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS640HD8V Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # BS640HD8V
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

BS640HD8V Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button BS640HD8V Datasheet HTML 13Page - Advanced Micro Devices BS640HD8V Datasheet HTML 14Page - Advanced Micro Devices BS640HD8V Datasheet HTML 15Page - Advanced Micro Devices BS640HD8V Datasheet HTML 16Page - Advanced Micro Devices BS640HD8V Datasheet HTML 17Page - Advanced Micro Devices BS640HD8V Datasheet HTML 18Page - Advanced Micro Devices BS640HD8V Datasheet HTML 19Page - Advanced Micro Devices BS640HD8V Datasheet HTML 20Page - Advanced Micro Devices BS640HD8V Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 89 page
background image
May 10, 2006 27024B3
Am29BDS128H/Am29BDS640H
15
D A TA
SH EE T
Table 3.
Autoselect Codes (High Voltage Method)
Legend: L = Logic Low = VIL, H = Logic High = VIH, BA = Bank Address,
SA = Sector Address, X = Don’t care.
Notes:
1. The autoselect codes may also be accessed in-system via command sequences.
2. PPB Protection Status is shown on the data bus
Description
CE# OE# WE# RESET#
Amax
to
A12
A11
to
A10
A9
A8
A7
A6
A5
to
A4
A3
A2
A1 A0
DQ15
to DQ0
Manufacturer ID:
AMD
LL
H
H
X
X
VID
X
X
L
X
L
L
L
L
0001h
Read Cycle 1
LL
H
H
X
X
VID
XL
L
L
L
L
L
H
227Eh
Read Cycle 2
HH
H
L
2218h (128 Mb)
221Eh (64 Mb)
Read Cycle 3
HH
H
H
2200h (128 Mb)
2201h (64 Mb)
Sector Protection
Verification
LL
H
H
SA
X
VID
XL
L
L
L
L
H
L
0001h (protected),
0000h (unprotected)
Indicator Bits
L
L
H
H
X
X
VID
X
X
LX
LL
H
H
DQ15 - DQ8 = 0
DQ7 - Factory Lock Bit
1 = Locked, 0 = Not Locked
DQ6 -Customer Lock Bit
1 = Locked, 0 = Not Locked
DQ5 = Handshake Bit
1 = Reduced wait-state
Handshake, 0 = Standard
Handshake
DQ4 - DQ0 = 0
Hardware Sector
Group Protection
LL
H
H
SA
X
VID
XX
X
L
L
L
H
L
0001h (protected),
0000h (unprotected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com