Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS640HD8V Datasheet(PDF) 74 Page - Advanced Micro Devices

Part # BS640HD8V
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

BS640HD8V Datasheet(HTML) 74 Page - Advanced Micro Devices

Back Button BS640HD8V Datasheet HTML 70Page - Advanced Micro Devices BS640HD8V Datasheet HTML 71Page - Advanced Micro Devices BS640HD8V Datasheet HTML 72Page - Advanced Micro Devices BS640HD8V Datasheet HTML 73Page - Advanced Micro Devices BS640HD8V Datasheet HTML 74Page - Advanced Micro Devices BS640HD8V Datasheet HTML 75Page - Advanced Micro Devices BS640HD8V Datasheet HTML 76Page - Advanced Micro Devices BS640HD8V Datasheet HTML 77Page - Advanced Micro Devices BS640HD8V Datasheet HTML 78Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 89 page
background image
72
Am29BDS128H/Am29BDS640H
27024B3 May 10, 2006
D A TA
SH EE T
AC CHARACTERISTICS
Notes:
1. PA = Program Address, PD = Program Data, VA = Valid Address for reading status bits.
2. “In progress” and “complete” refer to status of program operation.
3. Amax–A12 are don’t care during command sequence unlock cycles.
4. Addresses are latched on the first of either the rising edge of AVD# or the active edge of CLK.
5. Either CE# or AVD# is required to go from low to high in between programming command sequences.
6. The Synchronous programming operation is dependent of the Set Device Read Mode bit in the Configuration Register. The
Configuration Register must be set to the Synchronous Read Mode.
Figure 36.
Synchronous Program Operation Timings: WE# Latched Addresses
OE#
CE#f
Data
Addresses
AVD#
WE#
CLK
VCCf
555h
PD
tWC
tWPH
tWP
PA
tVCS
tDH
tCH
In
Progress
tWHWH1
VA
Complete
VA
Program Command Sequence (last two cycles)
Read Status Data
tDS
tAVDP
A0h
tACS
tCAS
tACH
tAVCH
tCSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com