Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS640HD8V Datasheet(PDF) 73 Page - Advanced Micro Devices

Part # BS640HD8V
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

BS640HD8V Datasheet(HTML) 73 Page - Advanced Micro Devices

Back Button BS640HD8V Datasheet HTML 69Page - Advanced Micro Devices BS640HD8V Datasheet HTML 70Page - Advanced Micro Devices BS640HD8V Datasheet HTML 71Page - Advanced Micro Devices BS640HD8V Datasheet HTML 72Page - Advanced Micro Devices BS640HD8V Datasheet HTML 73Page - Advanced Micro Devices BS640HD8V Datasheet HTML 74Page - Advanced Micro Devices BS640HD8V Datasheet HTML 75Page - Advanced Micro Devices BS640HD8V Datasheet HTML 76Page - Advanced Micro Devices BS640HD8V Datasheet HTML 77Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 89 page
background image
May 10, 2006 27024B3
Am29BDS128H/Am29BDS640H
71
D A TA
SH EE T
AC CHARACTERISTICS
Notes:
1. PA = Program Address, PD = Program Data, VA = Valid Address for reading status bits.
2. “In progress” and “complete” refer to status of program operation.
3. Amax–A12 are don’t care during command sequence unlock cycles.
4. CLK can be either VIL or VIH.
5. The Asynchronous programming operation is independent of the Set Device Read Mode bit in the Configuration Register.
Figure 35.
Asynchronous Program Operation Timings: WE# Latched Addresses
OE#
CE#f
Data
Addresses
AVD#
WE#
CLK
VCCf
555h
PD
tAS
tAVSW
tAVHW
tAH
tWC
tWPH
PA
tVCS
tWP
tDH
tCH
In
Progress
tWHWH1
VA
Complete
VA
Program Command Sequence (last two cycles)
Read Status Data
tDS
VIH
VIL
tAVDP
A0h
tCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com