Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS640HD8V Datasheet(PDF) 52 Page - Advanced Micro Devices

Part # BS640HD8V
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

BS640HD8V Datasheet(HTML) 52 Page - Advanced Micro Devices

Back Button BS640HD8V Datasheet HTML 48Page - Advanced Micro Devices BS640HD8V Datasheet HTML 49Page - Advanced Micro Devices BS640HD8V Datasheet HTML 50Page - Advanced Micro Devices BS640HD8V Datasheet HTML 51Page - Advanced Micro Devices BS640HD8V Datasheet HTML 52Page - Advanced Micro Devices BS640HD8V Datasheet HTML 53Page - Advanced Micro Devices BS640HD8V Datasheet HTML 54Page - Advanced Micro Devices BS640HD8V Datasheet HTML 55Page - Advanced Micro Devices BS640HD8V Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 89 page
background image
50
Am29BDS128H/Am29BDS640H
27024B3 May 10, 2006
D A TA
SH EE T
Figure 9.
Toggle Bit Algorithm
DQ2: Toggle Bit II
The “Toggle Bit II” on DQ2, when used with DQ6, indi-
cates whether a particular sector is actively erasing
(that is, the Embedded Erase algorithm is in progress),
or whether that sector is erase-suspended. Toggle Bit
II is valid after the rising edge of the final WE# pulse in
the command sequence.
DQ2 toggles when the system reads at addresses
within those sectors that have been selected for era-
sure. But DQ2 cannot distinguish whether the sector is
actively erasing or is erase-suspended. DQ6, by com-
parison, indicates whether the device is actively
erasing, or is in Erase Suspend, but cannot distinguish
which sectors are selected for erasure. Thus, both
status bits are required for sector and mode informa-
tion. Refer to Table 22, “DQ6 and DQ2 Indications,” on
page 51 to compare outputs for DQ2 and DQ6.
See the following for additional information: Figure 9,
“Toggle Bit Algorithm,” on page 50, “DQ6: Toggle Bit I”
on p a g e 49 , F i gu re 41, “ To ggle Bit Tim i n g s
(During Embedded Algorithm),” on page 76, and
Table 22, “DQ6 and DQ2 Indications,” on page 51.
START
No
Yes
Yes
DQ5 = 1?
No
Yes
DQ6 = Toggle?
No
Read Byte
(DQ7-DQ0)
Address = VA
DQ6 = Toggle?
Read Byte Twice
(DQ7-DQ0)
Adrdess = VA
Read Byte
(DQ7-DQ0)
Address = VA
FAIL
PASS
Note:The system should recheck the toggle bit even if DQ5 =
“1” because the toggle bit may stop toggling as DQ5 changes
to “1.” See the subsections on DQ6 and DQ2 for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com