Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS640HD8V Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # BS640HD8V
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

BS640HD8V Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button BS640HD8V Datasheet HTML 15Page - Advanced Micro Devices BS640HD8V Datasheet HTML 16Page - Advanced Micro Devices BS640HD8V Datasheet HTML 17Page - Advanced Micro Devices BS640HD8V Datasheet HTML 18Page - Advanced Micro Devices BS640HD8V Datasheet HTML 19Page - Advanced Micro Devices BS640HD8V Datasheet HTML 20Page - Advanced Micro Devices BS640HD8V Datasheet HTML 21Page - Advanced Micro Devices BS640HD8V Datasheet HTML 22Page - Advanced Micro Devices BS640HD8V Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 89 page
background image
May 10, 2006 27024B3
Am29BDS128H/Am29BDS640H
17
D A TA
SH EE T
Table 5.
Am29BDS640H Boot Sector/Sector Block
Addresses for Protection/Unprotection
Sector/Sector Block Protection and Un-
protection
The hardware sector protection feature disables both
programming and erase operations in any sector. The
hardware sector unprotection feature re-enables both
program and erase operations in previously protected
sectors. Sector protection/unprotection can be imple-
mented via two methods.
(Note: For the following discussion, the term “sector”
applies to both sectors and sector blocks. A sector
block consists of two or more adjacent sectors that are
protected or unprotected at the same time (see Table 4,
“Am29BDS128H Boot Sector/Sector Block Addresses
for Protection/Unprotection,” on page 16
Sector Protection
The Am29BDSxxxH family features several levels of
sector protection, which can disable both the program
and erase operations in certain sectors or sector
groups:
Persistent Sector Protection
A command sector protection method that replaces
the old 12 V controlled protection method.
Password Sector Protection
A highly sophisticated protection method that requires
a password before changes to certain sectors or sec-
tor groups are permitted
WP# Hardware Protection
A write protect pin that can prevent program or erase
operations in the outermost sectors.
The WP# Hardware Protection feature is always avail-
able, independent of the software managed protection
method chosen.
Selecting a Sector Protection Mode
All parts default to operate in the Persistent Sector
Protection mode. The customer must then choose if
the Persistent or Password Protection method is most
desirable. There are two one-time programmable
non-volatile bits that define which sector protection
method will be used. If the customer decides to con-
tinue using the Persistent Sector Protection method,
they must set the Persistent Sector Protection Mode
Sector
A21–A12
Sector/
Sector Block Size
SA0
0000000000
4 Kwords
SA1
0000000001
4 Kwords
SA2
0000000010
4 Kwords
SA3
0000000011
4 Kwords
SA4
0000000100
4 Kwords
SA5
0000000101
4 Kwords
SA6
0000000110
4 Kwords
SA7
0000000111
4 Kwords
SA8
0000001XXX
32 Kwords
SA9
0000010XXX
32 Kwords
SA10
0000011XXX
32 Kwords
SA11–SA14
00001XXXXX
128 (4x32) Kwords
SA15–SA18
00010XXXXX
128 (4x32) Kwords
SA19–SA22
00011XXXXX
128 (4x32) Kwords
SA23-SA26
00100XXXXX
128 (4x32) Kwords
SA27-SA30
00101XXXXX
128 (4x32) Kwords
SA31-SA34
00110XXXXX
128 (4x32) Kwords
SA35-SA38
00111XXXXX
128 (4x32) Kwords
SA39-SA42
01000XXXXX
128 (4x32) Kwords
SA43-SA46
01001XXXXX
128 (4x32) Kwords
SA47-SA50
01010XXXXX
128 (4x32) Kwords
SA51–SA54
01011XXXXX
128 (4x32) Kwords
SA55–SA58
01100XXXXX
128 (4x32) Kwords
SA59–SA62
01101XXXXX
128 (4x32) Kwords
SA63–SA66
01110XXXXX
128 (4x32) Kwords
SA67–SA70
01111XXXXX
128 (4x32) Kwords
SA71–SA74
10000XXXXX
128 (4x32) Kwords
SA75–SA78
10001XXXXX
128 (4x32) Kwords
SA79–SA82
10010XXXXX
128 (4x32) Kwords
SA83–SA86
10011XXXXX
128 (4x32) Kwords
SA87–SA90
10100XXXXX
128 (4x32) Kwords
SA91–SA94
10101XXXXX
128 (4x32) Kwords
SA95–SA98
10110XXXXX
128 (4x32) Kwords
SA99–SA102
10111XXXXX
128 (4x32) Kwords
SA103–SA106
11000XXXXX
128 (4x32) Kwords
SA107–SA110
11001XXXXX
128 (4x32) Kwords
SA111–SA114
11010XXXXX
128 (4x32) Kwords
SA115–SA118
11011XXXXX
128 (4x32) Kwords
SA119–SA122
11100XXXXX
128 (4x32) Kwords
SA123–SA126
11101XXXXX
128 (4x32) Kwords
SA127–SA130
11110XXXXX
128 (4x32) Kwords
SA131
1111100XXX
32 Kwords
SA132
1111101XXX
32 Kwords
SA133
1111110XXX
32 Kwords
SA134
1111111000
4 Kwords
SA135
1111111001
4 Kwords
SA136
1111111010
4 Kwords
SA137
1111111011
4 Kwords
SA138
1111111100
4 Kwords
SA139
1111111101
4 Kwords
SA140
1111111110
4 Kwords
SA141
1111111111
4 Kwords
Sector
A21–A12
Sector/
Sector Block Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com