Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS640HD8V Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # BS640HD8V
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

BS640HD8V Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button BS640HD8V Datasheet HTML 2Page - Advanced Micro Devices BS640HD8V Datasheet HTML 3Page - Advanced Micro Devices BS640HD8V Datasheet HTML 4Page - Advanced Micro Devices BS640HD8V Datasheet HTML 5Page - Advanced Micro Devices BS640HD8V Datasheet HTML 6Page - Advanced Micro Devices BS640HD8V Datasheet HTML 7Page - Advanced Micro Devices BS640HD8V Datasheet HTML 8Page - Advanced Micro Devices BS640HD8V Datasheet HTML 9Page - Advanced Micro Devices BS640HD8V Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 89 page
background image
4
Am29BDS128H/Am29BDS640H
27024B3 May 10, 2006
D A TA
SH EE T
Write Operation Status . . . . . . . . . . . . . . . . . . . . . 48
DQ7: Data# Polling ................................................................. 48
Figure 8. Data# Polling Algorithm ................................................... 48
DQ6: Toggle Bit I .................................................................... 49
Figure 9. Toggle Bit Algorithm......................................................... 50
DQ2: Toggle Bit II ................................................................... 50
Table 22. DQ6 and DQ2 Indications ...............................................51
Reading Toggle Bits DQ6/DQ2 .............................................. 51
DQ5: Exceeded Timing Limits ................................................ 51
DQ3: Sector Erase Timer ....................................................... 51
Table 23. Write Operation Status ....................................................52
Absolute Maximum Ratings . . . . . . . . . . . . . . . . . 53
Figure 10. Maximum Negative Overshoot Waveform ..................... 53
Figure 11. Maximum Positive Overshoot Waveform....................... 53
Operating Ranges . . . . . . . . . . . . . . . . . . . . . . . . 53
DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 54
CMOS Compatible . . . . . . . . . . . . . . . . . . . . . . . . . 54
Test Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
Figure 12. Test Setup...................................................................... 55
Table 24. Test Specifications ..........................................................55
Key to Switching Waveforms . . . . . . . . . . . . . . . 55
Switching Waveforms . . . . . . . . . . . . . . . . . . . . . 55
Figure 13. Input Waveforms and Measurement Levels .................. 55
AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 56
VCC Power-up ......................................................................... 56
Figure 14. VCC Power-up Diagram ................................................. 56
CLK Characterization ............................................................. 56
Figure 15. CLK Characterization..................................................... 56
Synchronous/Burst Read ....................................................... 57
Figure 16. CLK Synchronous Burst Mode Read (rising active CLK) ...
.........................................................................................................58
Figure 17. CLK Synchronous Burst Mode Read (Falling Active Clock)
.........................................................................................................58
Figure 18. Synchronous Burst Mode Read ..................................... 59
Figure 19. 8-word Linear Burst with Wrap Around .......................... 59
Figure 20. Linear Burst with RDY Set One Cycle Before Data ....... 60
Figure 21. Reduced Wait-state Handshake Burst Suspend/Resume at
an Even Address............................................................................. 61
Figure 22. Reduced Wait-state Handshake Burst Suspend/Resume at
an Odd Address .............................................................................. 61
Figure 23. Reduced Wait-state Handshake Burst Suspend/Resume at
Address 3Eh (or Offset from 3Eh)................................................... 62
Figure 24. Reduced Wait-state Handshake Burst Suspend/Resume at
Address 3Fh (or Offset from 3Fh by a Multiple of 64) ..................... 62
Figure 25. Standard Handshake Burst Suspend Prior to Initial Access
.........................................................................................................63
Figure 26. Standard Handshake Burst Suspend at or after Initial Ac-
cess................................................................................................ 63
Figure 27. Standard Handshake Burst Suspend at Address 3Fh (Start-
ing Address 3Dh or Earlier)............................................................ 64
Figure 28. Standard Handshake Burst Suspend at Address 3Eh/3Fh
(Without a Valid Initial Access)....................................................... 64
Figure 29. Standard Handshake Burst Suspend at Address 3Eh/3Fh
(with 1 Access CLK)....................................................................... 65
Figure 30. Read Cycle for Continuous Suspend............................ 65
Asynchronous Mode Read .................................................... 66
AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 67
Figure 31. Asynchronous Mode Read with Latched Addresses .... 67
Figure 32. Asynchronous Mode Read............................................ 67
Figure 33. Reset Timings ............................................................... 68
Erase/Program Operations ..................................................... 69
Figure 34. Asynchronous Program Operation Timings: AVD# Latched
Addresses ...................................................................................... 70
Figure 35. Asynchronous Program Operation Timings: WE# Latched
Addresses ...................................................................................... 71
Figure 36. Synchronous Program Operation Timings: WE# Latched
Addresses ...................................................................................... 72
Figure 37. Synchronous Program Operation Timings: CLK Latched
Addresses ...................................................................................... 73
Figure 38. Chip/Sector Erase Command Sequence ...................... 74
Figure 39. Accelerated Programming Timing................................. 75
Figure 40. Data# Polling Timings (During Embedded Algorithm) .. 76
Figure 41. Toggle Bit Timings (During Embedded Algorithm)........ 76
Figure 42. Synchronous Data Polling Timings/Toggle Bit Timings 77
Figure 43. DQ2 vs. DQ6................................................................. 77
Temporary Sector Unprotect .................................................. 78
Figure 44. Temporary Sector Unprotect Timing Diagram .............. 78
Figure 45. Sector/Sector Block Protect and
Unprotect Timing Diagram ............................................................. 79
Figure 46. Latency with Boundary Crossing .................................. 80
Figure 47. Latency with Boundary Crossing
into Program/Erase Bank ............................................................... 81
Figure 48. Example of Wait States Insertion.................................. 82
Figure 49. Back-to-Back Read/Write Cycle Timings ...................... 83
Erase and Programming Performance . . . . . . . 84
BGA Ball Capacitance . . . . . . . . . . . . . . . . . . . . . 84
Data Retention. . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 85
VBB080—80-ball Fine-Pitch Ball Grid Array (BGA) 11.5 x
9 mm Package ........................................................................ 85
VBD064—64-ball Fine-Pitch Ball Grid Array (BGA) 9 x
8 mm Package ........................................................................ 86
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com