Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS640HD8V Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # BS640HD8V
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

BS640HD8V Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button BS640HD8V Datasheet HTML 8Page - Advanced Micro Devices BS640HD8V Datasheet HTML 9Page - Advanced Micro Devices BS640HD8V Datasheet HTML 10Page - Advanced Micro Devices BS640HD8V Datasheet HTML 11Page - Advanced Micro Devices BS640HD8V Datasheet HTML 12Page - Advanced Micro Devices BS640HD8V Datasheet HTML 13Page - Advanced Micro Devices BS640HD8V Datasheet HTML 14Page - Advanced Micro Devices BS640HD8V Datasheet HTML 15Page - Advanced Micro Devices BS640HD8V Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 89 page
background image
10
Am29BDS128H/Am29BDS640H
27024B3 May 10, 2006
D A TA
SH EE T
ORDERING INFORMATION
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult the local AMD sales office to confirm avail-
ability of specific valid combinations and to check on newly released
combinations.
Am29BDS
128
H
E
8
VK
I
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
PACKAGE TYPE
VK =
80-Ball Fine-Pitch Ball Grid Array (BGA)
0.80 mm pitch, 11.5 x 9 mm package (VBB080)
VF =
80-Ball Fine-Pitch Ball Grid Array (BGA)
0.80 mm pitch, 11.5 x 9mm, Pb-free Package (VBB080)
VM =
64-Ball Fine-Pitch Ball Grid Array (BGA)
0.80 mm pitch, 8 X 9 mm package (VBD064)
VIO AND HANDSHAKING OPTIONS
8=
VIO = 1.8 V, reduced wait-state handshaking enabled
9=
VIO = 1.8 V, standard handshaking
SPEED
E
=
66 MHz
D
=
54 MHz
PROCESS TECHNOLOGY
H
=
0.13 µm
DENSITY
128 =
128 Mbit (8 M x 16-bit)
64 =
64 Mbit (4 M x 16-bit)
DEVICE FAMILY
Am29BDS
CMOS Flash Memory, Simultaneous Read/Write,
Burst Mode Flash Memory, 1.8 Volt-only Read, Program, and Erase
Valid Combinations
Burst Frequency
(MHz)
Density
Order Number
Package Marking
Am29BDS128HE8
VKI
BS128HE8V
66
128 Mbit
Am29BDS128HE9
BS128HE9V
Am29BDS128HD8
BS128HD8V
54
Am29BDS128HD9
BS128HD9V
Am29BDS128HE8
VFI
BS128HE8VF
66
Am29BDS128HE9
BS128HE9VF
Am29BDS128HD8
BS128HD8VF
54
Am29BDS128HD9
BS128HD9VF
Am29BDS640HE8
VMI
BS640HE8V
66
64 Mbit
Am29BDS640HE9
BS640HE9V
Am29BDS640HD8
BS640HD8V
54
Am29BDS640HD9
BS640HD9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com