Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS640HD8V Datasheet(PDF) 84 Page - Advanced Micro Devices

Part # BS640HD8V
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

BS640HD8V Datasheet(HTML) 84 Page - Advanced Micro Devices

Back Button BS640HD8V Datasheet HTML 80Page - Advanced Micro Devices BS640HD8V Datasheet HTML 81Page - Advanced Micro Devices BS640HD8V Datasheet HTML 82Page - Advanced Micro Devices BS640HD8V Datasheet HTML 83Page - Advanced Micro Devices BS640HD8V Datasheet HTML 84Page - Advanced Micro Devices BS640HD8V Datasheet HTML 85Page - Advanced Micro Devices BS640HD8V Datasheet HTML 86Page - Advanced Micro Devices BS640HD8V Datasheet HTML 87Page - Advanced Micro Devices BS640HD8V Datasheet HTML 88Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 89 page
background image
82
Am29BDS128H/Am29BDS640H
27024B3 May 10, 2006
D A TA
SH EE T
AC CHARACTERISTICS
Wait State Decoding Addresses:
A14, A13, A12 = “111”
⇒ Reserved
A14, A13, A12 = “110”
⇒ Reserved
A14, A13, A12 = “101”
⇒ 5 programmed, 7 total
A14, A13, A12 = “100”
⇒ 4 programmed, 6 total
A14, A13, A12 = “011”
⇒ 3 programmed, 5 total
A14, A13, A12 = “010”
⇒ 2 programmed, 4 total
A14, A13, A12 = “001”
⇒ 1 programmed, 3 total
A14, A13, A12 = “000”
⇒ 0 programmed, 2 total
Note: Figure assumes address D0 is not at an address boundary, active clock edge is rising, and wait state is set to “101”.
Figure 48.
Example of Wait States Insertion
Data
AVD#
OE#
CLK
12
3
4
5
D0
D1
01
6
2
7
3
total number of clock cycles
following AVD# falling edge
Rising edge of next clock cycle
following last wait state triggers
next burst data
number of clock cycles
programmed
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com