Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS640HD8V Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # BS640HD8V
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

BS640HD8V Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button BS640HD8V Datasheet HTML 23Page - Advanced Micro Devices BS640HD8V Datasheet HTML 24Page - Advanced Micro Devices BS640HD8V Datasheet HTML 25Page - Advanced Micro Devices BS640HD8V Datasheet HTML 26Page - Advanced Micro Devices BS640HD8V Datasheet HTML 27Page - Advanced Micro Devices BS640HD8V Datasheet HTML 28Page - Advanced Micro Devices BS640HD8V Datasheet HTML 29Page - Advanced Micro Devices BS640HD8V Datasheet HTML 30Page - Advanced Micro Devices BS640HD8V Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 89 page
background image
May 10, 2006 27024B3
Am29BDS128H/Am29BDS640H
25
D A TA
SH EE T
Table 9.
System Interface String
Table 10.
Device Geometry Definition
Addresses
Data
Description
1Bh
0017h
VCC Min. (write/erase)
D7–D4: volt, D3–D0: 100 millivolt
1Ch
0019h
VCC Max. (write/erase)
D7–D4: volt, D3–D0: 100 millivolt
1Dh
0000h
VPP Min. voltage (00h = no VPP pin present)
1Eh
0000h
VPP Max. voltage (00h = no VPP pin present)
1Fh
0004h
Typical timeout per single byte/word write 2N µs
20h
0000h
Typical timeout for Min. size buffer write 2N
µs (00h = not supported)
21h
0009h
Typical timeout per individual block erase 2N ms
22h
0000h
Typical timeout for full chip erase 2N ms (00h = not supported)
23h
0004h
Max. timeout for byte/word write 2N times typical
24h
0000h
Max. timeout for buffer write 2N times typical
25h
0004h
Max. timeout per individual block erase 2N times typical
26h
0000h
Max. timeout for full chip erase 2N times typical (00h = not supported)
Addresses
Data
Description
27h
001xh
Device Size = 2N byte
BDS128H = 0018h; BDS640H = 0017h
28h
29h
0001h
0000h
Flash Device Interface description (refer to CFI publication 100)
2Ah
2Bh
0000h
0000h
Max. number of bytes in multi-byte write = 2N
(00h = not supported)
2Ch
0003h
Number of Erase Block Regions within device
2Dh
2Eh
2Fh
30h
0007h
0000h
0020h
0000h
Erase Block Region 1 Information
(refer to the CFI specification or CFI publication 100)
31h
32h
33h
34h
00xDh
0000h
0000h
0001h
Erase Block Region 2 Information
Address 31h: BDS128H = 00FDh; BDS640H = 007Dh
35h
36h
37h
38h
0007h
0000h
0020h
0000h
Erase Block Region 3 Information
39h
3Ah
3Bh
3Ch
0000h
0000h
0000h
0000h
Erase Block Region 4 Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com