Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS640HD8V Datasheet(PDF) 87 Page - Advanced Micro Devices

Part # BS640HD8V
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

BS640HD8V Datasheet(HTML) 87 Page - Advanced Micro Devices

Back Button BS640HD8V Datasheet HTML 81Page - Advanced Micro Devices BS640HD8V Datasheet HTML 82Page - Advanced Micro Devices BS640HD8V Datasheet HTML 83Page - Advanced Micro Devices BS640HD8V Datasheet HTML 84Page - Advanced Micro Devices BS640HD8V Datasheet HTML 85Page - Advanced Micro Devices BS640HD8V Datasheet HTML 86Page - Advanced Micro Devices BS640HD8V Datasheet HTML 87Page - Advanced Micro Devices BS640HD8V Datasheet HTML 88Page - Advanced Micro Devices BS640HD8V Datasheet HTML 89Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 87 / 89 page
background image
May 10, 2006 27024B3
Am29BDS128H/Am29BDS640H
85
D A TA
SH EE T
PHYSICAL DIMENSIONS
VBB080—80-ball Fine-Pitch Ball Grid Array (BGA) 11.5 x 9 mm Package
Note: BSC is an ANSI standard for Basic Space Centering
3233 \ 16-038.9h
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994.
2. ALL DIMENSIONS ARE IN MILLIMETERS.
3. BALL POSITION DESIGNATION PER JESD 95-1, SPP-010 (EXCEPT
AS NOTED).
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5. SYMBOL "MD" IS THE BALL ROW MATRIX SIZE IN THE
"D" DIRECTION.
SYMBOL "ME" IS THE BALL COLUMN MATRIX SIZE IN THE
"E" DIRECTION.
N IS THE TOTAL NUMBER OF SOLDER BALLS.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7
SD AND SE ARE MEASURED WITH RESPECT TO DATUMS
A AND B AND DEFINE THE POSITION OF THE CENTER
SOLDER BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN
THE OUTER ROW PARALLEL TO THE D OR E DIMENSION,
RESPECTIVELY, SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN
THE OUTER ROW, SD OR SE = e/2
8. NOT USED.
9. "+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED
BALLS.
10 A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER OR INK
MARK, METALLIZED MARK INDENTATION OR OTHER MEANS.
PACKAGE
VBB 080
JEDEC
N/A
11.50 mm x 9.00 mm NOM
PACKAGE
SYMBOL
MIN
NOM
MAX
NOTE
A
---
---
1.00
OVERALL THICKNESS
A1
0.20
---
---
BALL HEIGHT
A2
0.62
---
0.76
BODY THICKNESS
D
11.50 BSC.
BODY SIZE
E
9.00 BSC.
BODY SIZE
D1
8.80 BSC.
BALL FOOTPRINT
E1
5.60 BSC.
BALL FOOTPRINT
MD
12
ROW MATRIX SIZE D DIRECTION
ME
8
ROW MATRIX SIZE E DIRECTION
N
80
TOTAL BALL COUNT
φb
0.30
0.35
0.40
BALL DIAMETER
e
0.80 BSC.
BALL PITCH
SD / SE
0.40 BSC.
SOLDER BALL PLACEMENT
(A3-A6, B3-B6, L3-L6, -M3-M6) DEPOPULATED SOLDER BALLS
BOTTOM VIEW
TOP VIEW
SIDE VIEW
A1 CORNER
A2
A
INDEX MARK
CORNER
10
PIN A1
ML
J
K
e
C
0.05
(2X)
(2X)
C
0.05
A1
E
D
7
BA
C
ED
F
HG
8
7
6
5
4
3
2
1
e
D1
E1
SE
7
B
CA
C
M
φ 0.15
φ 0.08 M
6
0.10 C
C
0.08
NX
φb
SD
A
B
C
SEATING PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com