Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS640HD8V Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # BS640HD8V
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

BS640HD8V Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button BS640HD8V Datasheet HTML 24Page - Advanced Micro Devices BS640HD8V Datasheet HTML 25Page - Advanced Micro Devices BS640HD8V Datasheet HTML 26Page - Advanced Micro Devices BS640HD8V Datasheet HTML 27Page - Advanced Micro Devices BS640HD8V Datasheet HTML 28Page - Advanced Micro Devices BS640HD8V Datasheet HTML 29Page - Advanced Micro Devices BS640HD8V Datasheet HTML 30Page - Advanced Micro Devices BS640HD8V Datasheet HTML 31Page - Advanced Micro Devices BS640HD8V Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 89 page
background image
26
Am29BDS128H/Am29BDS640H
27024B3 May 10, 2006
D A TA
SH EE T
Table 11.
Primary Vendor-Specific Extended Query
Addresses
Data
Description
40h
41h
42h
0050h
0052h
0049h
Query-unique ASCII string “PRI”
43h
0031h
Major version number, ASCII
44h
0033h
Minor version number, ASCII
45h
000Ch
Address Sensitive Unlock (Bits 1-0)
0 = Required, 1 = Not Required
Silicon Technology (Bits 5-2) 0011 = 0.13 µm
46h
0002h
Erase Suspend
0 = Not Supported, 1 = To Read Only, 2 = To Read & Write
47h
0001h
Sector Protect
0 = Not Supported, X = Number of sectors in per group
48h
0000h
Sector Temporary Unprotect
00 = Not Supported, 01 = Supported
49h
0007h
Sector Protect/Unprotect scheme
07 = Advanced Sector Protection
4Ah
00x7h
Simultaneous Operation: number of Sectors in all banks except boot block
BDS128H = 00E7h; BDS640H = 0077h
4Bh
0001h
Burst Mode Type
00 = Not Supported, 01 = Supported
4Ch
0000h
Page Mode Type
00 = Not Supported, 01 = 4 Word Page, 02 = 8 Word Page, 04 = 16 Word Page
4Dh
00B5h
ACC (Acceleration) Supply Minimum
00h = Not Supported, D7-D4: Volt, D3-D0: 100 mV
4Eh
00C5h
ACC (Acceleration) Supply Maximum
00h = Not Supported, D7-D4: Volt, D3-D0: 100 mV
4Fh
0001h
Boot Sector Flag
50h
0000h
Program Suspend. 00h = not supported
57h
0004h
Bank Organization: X = Number of banks
58h
59h
5Ah
5Bh
0027h / 0017h
0060h / 0030h
0060h / 0030h
0027h / 0017h
Bank A – Bank D Region Information. X = Number of sectors in bank.
Address: 58h = Bank A; 59h = Bank B; 5Ah = Bank C; 5Bh = Bank D
Data: BDS128H / BDS640H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com