Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS640HD9V Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # BS640HD9V
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

BS640HD9V Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button BS640HD9V Datasheet HTML 22Page - Advanced Micro Devices BS640HD9V Datasheet HTML 23Page - Advanced Micro Devices BS640HD9V Datasheet HTML 24Page - Advanced Micro Devices BS640HD9V Datasheet HTML 25Page - Advanced Micro Devices BS640HD9V Datasheet HTML 26Page - Advanced Micro Devices BS640HD9V Datasheet HTML 27Page - Advanced Micro Devices BS640HD9V Datasheet HTML 28Page - Advanced Micro Devices BS640HD9V Datasheet HTML 29Page - Advanced Micro Devices BS640HD9V Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 89 page
background image
24
Am29BDS128H/Am29BDS640H
27024B3 May 10, 2006
D A TA
SH EE T
Write Protect (WP#)
The Write Protect feature provides a hardware method
of protecting the four outermost sectors. This function
is provided by the WP# pin and overrides the previ-
ously discussed Sector Protection/Unprotection
method.
If the system asserts VIL on the WP# pin, the device
disables program and erase functions in the eight “out-
ermost” 4 Kword boot sectors.
If the system asserts VIH on the WP# pin, the device
reverts to whether the boot sectors were last set to be
protected or unprotected. That is, sector protection or
unprotection for these sectors depends on whether
they were last protected or unprotected using the
method described in “PPB Program Command” sec-
tion on page 43.
Note that the WP# pin must not be left floating or un-
connected; inconsistent behavior of the device may re-
sult.
Low VCC Write Inhibit
When VCC is less than VLKO, the device does not
accept any write cycles. This protects data during VCC
power-up and power-down. The command register and
all internal program/erase circuits are disabled, and the
device resets to reading array data. Subsequent writes
are ignored until VCC is greater than VLKO. The system
must provide the proper signals to the control inputs to
prevent unintentional writes when VCC is greater than
VLKO.
Write Pulse “Glitch” Protection
Noise pulses of less than 5 ns (typical) on OE#, CE# or
WE# do not initiate a write cycle.
Logical Inhibit
Write cycles are inhibited by holding any one of OE# =
VIL, CE# = VIH or WE# = VIH. To initiate a write cycle,
CE# and WE# must be a logical zero while OE# is a
logical one.
Power-Up Write Inhibit
If WE# = CE# = RESET# = VIL and OE# = VIH during
power up, the device does not accept commands on
the rising edge of WE#. The internal state machine is
automatically reset to the read mode on power-up.
COMMON FLASH MEMORY INTERFACE
(CFI)
The Common Flash Interface (CFI) specification out-
lines device and host system software interrogation
handshake, which allows specific vendor-specified
software algorithms to be used for entire families of
devices. Software support can then be device-indepen-
dent, JEDEC ID-independent, and forward- and back-
ward-compatible for the specified flash device families.
Flash vendors can standardize their existing interfaces
for long-term compatibility.
This device enters the CFI Query mode when the
system writes the CFI Quer y command, 98h, to
address 55h any time the device is ready to read array
data. The system can read CFI information at the
addresses given in Tables 8-11. To terminate reading
CFI data, the system must write the reset command.
The system can also write the CFI query command
when the device is in the autoselect mode. The device
enters the CFI query mode, and the system can read
CFI data at the addresses given in Tables 8-11. The
system must write the reset command to return the
device to the autoselect mode.
For further information, please refer to the CFI Specifi-
cation and CFI Publication 100, available via the AMD
site at the following URL:
http://www.amd.com/flash/cfi.
Alternatively, contact an AMD representative for copies
Table 8.
CFI Query Identification String
Addresses
Data
Description
10h
11h
12h
0051h
0052h
0059h
Query Unique ASCII string “QRY”
13h
14h
0002h
0000h
Primary OEM Command Set
15h
16h
0040h
0000h
Address for Primary Extended Table
17h
18h
0000h
0000h
Alternate OEM Command Set (00h = none exists)
19h
1Ah
0000h
0000h
Address for Alternate OEM Extended Table (00h = none exists)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com