Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS640HD9V Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # BS640HD9V
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

BS640HD9V Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button BS640HD9V Datasheet HTML 7Page - Advanced Micro Devices BS640HD9V Datasheet HTML 8Page - Advanced Micro Devices BS640HD9V Datasheet HTML 9Page - Advanced Micro Devices BS640HD9V Datasheet HTML 10Page - Advanced Micro Devices BS640HD9V Datasheet HTML 11Page - Advanced Micro Devices BS640HD9V Datasheet HTML 12Page - Advanced Micro Devices BS640HD9V Datasheet HTML 13Page - Advanced Micro Devices BS640HD9V Datasheet HTML 14Page - Advanced Micro Devices BS640HD9V Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 89 page
background image
May 10, 2006 27024B3
Am29BDS128H/Am29BDS640H
9
D A TA
SH EE T
INPUT/OUTPUT DESCRIPTIONS
Amax–A0
=
Address inputs
Amax = A22 (128 Mb) or A21 (64 Mb)
DQ15–DQ0 =
Data input/output
CE#
=
Chip Enable input. Asynchronous
relative to CLK for the Burst mode.
OE#
=
Output Enable input. Asynchronous
relative to CLK for the Burst mode.
WE#
=
Write Enable input.
VCC
=
Device Power Supply
(1.65 – 1.95 V).
VIO
=
Input & Output Buffer Power Supply
(1.65 – 1.95 V).
VSS
=Ground
NC
=
No Connect; not connected internally
RDY
=
Ready output;
In Synchronous Mode, indicates the
status of the Burst read.
Low = data invalid. High = data valid.
In Asynchronous Mode, indicates the
status of the internal program and
erase function.
Low = program/erase in progress.
High Impedance = program/erase
completed.
CLK
=
CLK is not required in asynchronous
mode. In burst mode, after the initial
word is output, subsequent active
edges of CLK increment the internal
address counter.
AVD#
=
Address Valid input. Indicates to
device that the valid address is
present on the address inputs
(Amax–A0).
Low = for asynchronous mode,
indicates valid address; for burst
mode, causes starting address to be
latched.
High = device ignores address inputs
RESET#
=
Hardware reset input. Low = device
resets and returns to reading array
data
WP#
=
Hardware write protect input. At VIL,
disables program and erase functions
in the four highest and four lowest
sectors. At VIH, does not protect any
sectors.
ACC
=
At VHH, accelerates programming;
automatically places device in unlock
bypass mode. At VIL, locks all sectors.
Should be at VIH for all other
conditions.
LOGIC SYMBOL
23 or 22
16
DQ15–DQ0
Amax–A0
CE#
OE#
WE#
RESET#
CLK
RDY
AVD#
WP#
ACC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com