Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS640HD9V Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # BS640HD9V
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

BS640HD9V Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button BS640HD9V Datasheet HTML 11Page - Advanced Micro Devices BS640HD9V Datasheet HTML 12Page - Advanced Micro Devices BS640HD9V Datasheet HTML 13Page - Advanced Micro Devices BS640HD9V Datasheet HTML 14Page - Advanced Micro Devices BS640HD9V Datasheet HTML 15Page - Advanced Micro Devices BS640HD9V Datasheet HTML 16Page - Advanced Micro Devices BS640HD9V Datasheet HTML 17Page - Advanced Micro Devices BS640HD9V Datasheet HTML 18Page - Advanced Micro Devices BS640HD9V Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 89 page
background image
May 10, 2006 27024B3
Am29BDS128H/Am29BDS640H
13
D A TA
SH EE T
Address 3Fh (or Offset from 3Fh by a Multiple of 64),”
on page 62, Figure 25, “Standard Handshake Burst
Suspend Prior to Initial Access,” on page 63, Figure 26,
“Standard Handshake Burst Suspend at or after Initial
Access,” on page 63, Figure 27, “Standard Handshake
Burst Suspend at Address 3Fh (Starting Address 3Dh
or Earlier),” on page 64, Figure 28, “Standard Hand-
shake Burst Suspend at Address 3Eh/3Fh (Without a
Valid Initial Access),” on page 64, and Figure 29, “Stan-
dard Handshake Burst Suspend at Address 3Eh/3Fh
(with 1 Access CLK),” on page 65.
Burst plus Burst Suspend should not last longer than
tRCC without re-latching an address or crossing an
address boundary. To resume the burst access, OE#
must be re-asserted. The next active CLK edge will
resume the burst sequence where it had been sus-
pended. See Figure 30, “Read Cycle for Continuous
Suspend,” on page 65.
The RDY pin is only controlled by CE#. RDY will remain
active and is not placed into a high-impedance state
when OE# is de-asserted.
Configuration Register
The device uses a configuration register to set the
various burst parameters: number of wait states, burst
read mode, active clock edge, RDY configuration, and
synchronous mode active.
Reduced Wait-state Handshaking Option
The device can be equipped with a reduced wait-state
handshaking feature that allows the host system to
simply monitor the RDY signal from the device to deter-
mine when the initial word of burst data is ready to be
read. The host system should use the programmable
wait state configuration to set the number of wait states
for optimal burst mode operation. The initial word of
burst data is indicated by the rising edge of RDY after
OE# goes low.
The presence of the reduced wait-state handshaking
feature may be verified by writing the autoselect
command sequence to the device. See “Autoselect
Command Sequence” for details.
For optimal burst mode performance on devices
without the reduced wait-state handshaking option, the
host system must set the appropriate number of wait
states in the flash device depending on clock frequency
and the presence of a boundary crossing. See “Set
Configuration Register Command Sequence” section
on page 33 section for more information. The device
will automatically delay RDY and data by one additional
clock cycle when the starting address is odd.
The autoselect function allows the host system to
determine whether the flash device is enabled for
reduced wait-state handshaking. See the “Autoselect
Command Sequence” section for more information.
Simultaneous Read/Write Operations with
Zero Latency
This device is capable of reading data from one bank of
memory while programming or erasing in another bank
of memory. An erase operation may also be suspended
to read from or program to another location within the
same bank (except the sector being erased ).
Figure 49, “Back-to-Back Read/Write Cycle Timings,”
on page 83 shows how read and write cycles may be
initiated for simultaneous operation with zero latency.
Ref e r to the DC Char acter i s t i c s tab l e f o r
read-while-program and read-while-erase current
specifications.
Writing Commands/Command Sequences
The device has the capability of performing an asyn-
chronous or synchronous write operation. While the
device is configured in Asynchronous read it is able to
perform Asynchronous write operations only. CLK is
ignored in the Asynchronous programming mode.
When in the Synchronous read mode configuration, the
device is able to perform both Asynchronous and Syn-
chronous write operations. CLK and WE# address
latch is supported in the Synchronous programming
mode. During a synchronous write operation, to write a
command or command sequence (which includes pro-
gramming data to the device and erasing sectors of
memory), the system must drive AVD# and CE# to VIL,
and OE# to VIH when providing an address to the
device, and drive WE# and CE# to VIL, and OE# to VIH
when writing commands or data. During an asynchro-
nous write operation, the system must drive CE# and
WE# to VIL and OE# to VIH when providing an address,
command, and data. Addresses are latched on the last
falling edge of WE# or CE#, while data is latched on the
1st rising edge of WE# or CE#. The asynchronous and
synchronous programing operation is independent of
the Set Device Read Mode bit in the Configuration
Register (see Table 18, “Configuration Register,” on
page 36).
The device features an Unlock Bypass mode to facili-
tate faster programming. Once the device enters the
Unlock Bypass mode, only two write cycles are
required to program a word, instead of four.
An erase operation can erase one sector, multiple sec-
tors, or the entire device. Table 12, “Am29BDS128H
Sector Address Table,” on page 27 indicates the
address space that each sector occupies. The device
address space is divided into four banks: Banks B and
C contain only 32 Kword sectors, while Banks A and D
contain both 4 Kword boot sectors in addition to 32
Kword sectors. A “bank address” is the address bits
required to uniquely select a bank. Similarly, a “sector
address” is the address bits required to uniquely select
a sector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com