Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS640HD9V Datasheet(PDF) 86 Page - Advanced Micro Devices

Part # BS640HD9V
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

BS640HD9V Datasheet(HTML) 86 Page - Advanced Micro Devices

Back Button BS640HD9V Datasheet HTML 81Page - Advanced Micro Devices BS640HD9V Datasheet HTML 82Page - Advanced Micro Devices BS640HD9V Datasheet HTML 83Page - Advanced Micro Devices BS640HD9V Datasheet HTML 84Page - Advanced Micro Devices BS640HD9V Datasheet HTML 85Page - Advanced Micro Devices BS640HD9V Datasheet HTML 86Page - Advanced Micro Devices BS640HD9V Datasheet HTML 87Page - Advanced Micro Devices BS640HD9V Datasheet HTML 88Page - Advanced Micro Devices BS640HD9V Datasheet HTML 89Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 86 / 89 page
background image
84
Am29BDS128H/Am29BDS640H
27024B3 May 10, 2006
D A TA
SH EE T
ERASE AND PROGRAMMING PERFORMANCE
Notes:
1. Typical program and erase times assume the following conditions: 25
°C, 1.8 V V
CC, 1 million cycles. Additionally,
programming typicals assumes a checkerboard pattern.
2. Under worst case conditions of 90°C, VCC = 1.65 V, 1,000,000 cycles.
3. The typical chip programming time is considerably less than the maximum chip programming time listed.
4. In the pre-programming step of the Embedded Erase algorithm, all words are programmed to 00h before erasure.
5. System-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program command. See
Table 20, “Memory Array Command Definitions,” on page 46 for further information on command definitions.
6. The device has a minimum erase and program cycle endurance of 1 million cycles.
BGA BALL CAPACITANCE
Notes:
1.
Sampled, not 100% tested.
2.
Test conditions TA = 25°C, f = 1.0 MHz.
DATA RETENTION
Parameter
Typ (Note 1)
Max (Note 2)
Unit
Comments
Sector Erase Time
32 Kword
0.4
5
s
Excludes 00h programming prior to erasure
(Note 4)
4 Kword
0.2
5
Chip Erase Time
128 Mb
103
s
64 Mb
54
s
Word Programming Time
9
210
µs
Excludes system level overhead (Note 5)
Accelerated Word Programming Time
4
120
µs
Chip Programming Time
(Note 3)
128 Mb
75.5
226.5
s
64 Mb
38
114
s
Excludes system level overhead (Note 5)
Accelerated Chip
Programming Time
128 Mb
33
99
s
64 Mb
17
30
s
Parameter
Symbol
Parameter Description
Test Setup
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
4.2
5.0
pF
COUT
Output Capacitance
VOUT = 0
5.4
6.5
pF
CIN2
Control Pin Capacitance
VIN = 0
3.9
4.7
pF
Parameter
Test Conditions
Min
Unit
Minimum Pattern Data Retention Time
150
°C10
Years
125
°C20
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com