Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS640HD9V Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # BS640HD9V
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

BS640HD9V Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button BS640HD9V Datasheet HTML 10Page - Advanced Micro Devices BS640HD9V Datasheet HTML 11Page - Advanced Micro Devices BS640HD9V Datasheet HTML 12Page - Advanced Micro Devices BS640HD9V Datasheet HTML 13Page - Advanced Micro Devices BS640HD9V Datasheet HTML 14Page - Advanced Micro Devices BS640HD9V Datasheet HTML 15Page - Advanced Micro Devices BS640HD9V Datasheet HTML 16Page - Advanced Micro Devices BS640HD9V Datasheet HTML 17Page - Advanced Micro Devices BS640HD9V Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 89 page
background image
12
Am29BDS128H/Am29BDS640H
27024B3 May 10, 2006
D A TA
SH EE T
active clock edge, and how the RDY signal will transi-
tion with valid data. The system would then write the
configuration register command sequence. See “Set
Configuration Register Command Sequence” section
on page 33 and “Command Definitions” section on
page 33 for further details.
Once the system has written the “Set Configuration
Register” command sequence, the device is enabled
for synchronous reads only.
The initial word is output tIACC after the active edge of
the first CLK cycle. Subsequent words are output tBACC
after the active edge of each successive clock cycle,
which automatically increments the internal address
counter. Note that the device has a fixed internal
address boundary that occurs every 64 words, starting
at address 00003Fh. During the time the device is out-
putting data at this fixed internal address boundary
(address 00003Fh, 00007Fh, 0000BFh, etc.), a two
cycle latency occurs before data appears for the next
address (address 000040h, 000080h, 0000C0h, etc.).
The RDY output indicates this condition to the system
by pulsing low. For standard handshaking devices,
there is no two cycle latency between 3Fh and 40h (or
offset from these values by a multiple of 64) if the
latched address was 3Eh or 3Fh or offset from these
values by a multiple of 64). See Figure 46, “Latency
with Boundary Crossing,” on page 80.
For reduced wait-state handshaking devices, if the
address latched is 3Eh or 3Fh (or offset from these
values by a multiple of 64) two additional cycle latency
occurs prior to the initial access and the two cycle
latency between 3Fh and 40h (or offset from these
values by a multiple of 64) will not occur.
The device will continue to output sequential burst
data, wrapping around to address 000000h after it
reaches the highest addressable memory location,
until the system drives CE# high, RESET# low, or
AVD# low in conjunction with a new address. See
Table 1, “Device Bus Operations,” on page 11.
If the host system crosses the bank boundary while
reading in burst mode, and the device is not program-
ming or erasing, a two-cycle latency will occur as
described above in the subsequent bank. If the host
system crosses the bank boundary while the device is
programming or erasing, the device will provide read
status information. The clock will be ignored. After the
host has completed status reads, or the device has
completed the program or erase operation, the host
can restart a burst operation using a new address and
AVD# pulse.
If the clock frequency is less than 6 MHz during a burst
mode operation, additional latencies will occur. RDY
indicates the length of the latency by pulsing low.
8-, 16-, and 32-Word Linear Burst with Wrap Around
The remaining three modes are of the linear wrap
around design, in which a fixed number of words are
read from consecutive addresses. In each of these
modes, the burst addresses read are determined by
the group within which the starting address falls. The
groups are sized according to the number of words
read in a single burst sequence for a given mode (see
Table 2.)
Table 2.
Burst Address Groups
As an example: if the starting address in the 8-word
mode is 39h, the address range to be read would be
38 -3 Fh , and the b u rst se qu en ce w o uld b e
39-3A-3B-3C-3D-3E-3F-38h-etc. The burst sequence
begins with the starting address written to the device,
but wraps back to the first address in the selected
group. In a similar fashion, the 16-word and 32-word
Linear Wrap modes begin their burst sequence on the
starting address written to the device, and then wrap
back to the first address in the selected address group.
Note that in these three burst read modes the
address pointer does not cross the boundary that
occurs every 64 words; thus, no wait states are
inserted (except during the initial access).
The RDY pin indicates when data is valid on the bus.
The devices can wrap through a maximum of 128
words of data (8 words up to 16 times, 16 words up to
8 times, or 32 words up to 4 times) before requiring a
new synchronous access (latching of a new address).
Burst Suspend/Resume
The Burst Suspend/Resume feature allows the system
to temporarily suspend a synchronous burst operation
during the initial access (before data is available) or
after the device is outputting data. When the burst
operation is suspended, any previously latched internal
data and the current state are retained.
Burst Suspend requires CE# to be asserted, WE#
de-asserted, and the initial address latched by AVD# or
the CLK edge. Burst Suspend occurs when OE# is
de-asserted. See Figure 21, “Reduced Wait-state
Handshake Burst Suspend/Resume at an Even
Address,” on page 61, Figure 22, “Reduced Wait-state
Handshake Burst Suspend/Resume at an Odd
Address,” on page 61, Figure 23, “Reduced Wait-state
Handshake Burst Suspend/Resume at Address 3Eh
(or Offset from 3Eh),” on page 62, Figure 24, “Reduced
Wait-state Handshake Burst Suspend/Resume at
Mode
Group Size
Group Address Ranges
8-word
8 words
0-7h, 8-Fh, 10-17h,...
16-word
16 words
0-Fh, 10-1Fh, 20-2Fh,...
32-word
32 words
00-1Fh, 20-3Fh, 40-5Fh,...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com