Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS640HD9V Datasheet(PDF) 82 Page - Advanced Micro Devices

Part # BS640HD9V
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

BS640HD9V Datasheet(HTML) 82 Page - Advanced Micro Devices

Back Button BS640HD9V Datasheet HTML 78Page - Advanced Micro Devices BS640HD9V Datasheet HTML 79Page - Advanced Micro Devices BS640HD9V Datasheet HTML 80Page - Advanced Micro Devices BS640HD9V Datasheet HTML 81Page - Advanced Micro Devices BS640HD9V Datasheet HTML 82Page - Advanced Micro Devices BS640HD9V Datasheet HTML 83Page - Advanced Micro Devices BS640HD9V Datasheet HTML 84Page - Advanced Micro Devices BS640HD9V Datasheet HTML 85Page - Advanced Micro Devices BS640HD9V Datasheet HTML 86Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 89 page
background image
80
Am29BDS128H/Am29BDS640H
27024B3 May 10, 2006
D A TA
SH EE T
AC CHARACTERISTICS)
Notes:
1. RDY active with data (A18 = 0 in the Configuration Register).
2. RDY active one clock cycle before data (A18 = 1 in the Configuration Register).
3. Cxx indicates the clock that triggers Dxx on the outputs; for example, C60 triggers D60. Figure shows the device not crossing
a bank in the process of performing an erase or program.
4. If the starting address latched in is either 3Eh or 3Fh (or some 64 multiple of either), there is no additional 2 cycle latency at
the boundary crossing.
Figure 46.
Latency with Boundary Crossing
CLK
Address (hex)
C60
C61
C62
C63
C63
C63
C64
C65
C66
C67
D60
D61
D62
D63
D64
D65
D66
D67
(stays high)
AVD#
RDY(1)
Data
Address boundary occurs every 64 words, beginning at address
00003Fh: 00007Fh, 0000BFh, etc.) Address 000000h is also a boundary crossing.
3C
3D
3E
3F
3F
3F
40
41
42
43
latency
RDY(2)
latency
tRACC
tRACC
tRACC
tRACC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com