Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS640HD9V Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # BS640HD9V
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

BS640HD9V Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button BS640HD9V Datasheet HTML 31Page - Advanced Micro Devices BS640HD9V Datasheet HTML 32Page - Advanced Micro Devices BS640HD9V Datasheet HTML 33Page - Advanced Micro Devices BS640HD9V Datasheet HTML 34Page - Advanced Micro Devices BS640HD9V Datasheet HTML 35Page - Advanced Micro Devices BS640HD9V Datasheet HTML 36Page - Advanced Micro Devices BS640HD9V Datasheet HTML 37Page - Advanced Micro Devices BS640HD9V Datasheet HTML 38Page - Advanced Micro Devices BS640HD9V Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 89 page
background image
May 10, 2006 27024B3
Am29BDS128H/Am29BDS640H
33
D A TA
SH EE T
COMMAND DEFINITIONS
Writing specific address and data commands or
sequences into the command register initiates device
operations. Table 20, “Memory Array Command Defini-
tions,” on page 46 defines the valid register command
sequences. Writing incorrect address and data values
or writing them in the improper sequence may place the
device in an unknown state. The system must write the
reset command to return the device to reading array
data. Refer to the AC Characteristics section for timing
diagrams.
Reading Array Data
The device is automatically set to reading array data
after device power-up. No commands are required to
retrieve data in asynchronous mode. Each bank is
ready to read array data after completing an Embedded
Program or Embedded Erase algorithm.
After the device accepts an Erase Suspend command,
the corresponding bank enters the erase-sus-
pend-read mode, after which the system can read data
from any non-erase-suspended sector within the same
bank. After completing a programming operation in the
Erase Suspend mode, the system may once again
read array data from any non-erase-suspended sector
within the same bank. See the “Erase Suspend/Erase
Resume Commands” section on page 39 for more
information.
The system must issue the reset command to return a
bank to the read (or erase-suspend-read) mode if DQ5
goes high during an active program or erase operation,
or if the bank is in the autoselect mode. See the “Reset
Command” section on page 36 for more information.
See also “Requirements for Asynchronous Read Oper-
ation (Non-Burst)” section on page 11 and “Require-
ments for Synchronous (Burst) Read Operation”
section on page 11 for more information. The Asyn-
chronous Read and Synchronous/Burst Read tables
provide the read parameters, and Figure 16, “CLK Syn-
chronous Burst Mode Read (rising active CLK),” on
page 58, Figure 18, “Synchronous Burst Mode Read,”
on page 59, and Figure 31, “Asynchronous Mode Read
with Latched Addresses,” on page 67 show the timings.
Set Configuration Register Command Se-
quence
The device uses a configuration register to set the
various burst parameters: number of wait states, burst
read mode, active clock edge, RDY configuration, and
synchronous mode active. The configuration register
must be set before the device will enter burst mode.
The configuration register is loaded with a three-cycle
command sequence. The first two cycles are standard
unlock sequences. On the third cycle, the data should
be C0h, address bits A11–A0 should be 555h, and
address bits A19–A12 set the code to be latched. The
device will power up or after a hardware reset with the
default setting, which is in asynchronous mode. The
register must be set before the device can enter syn-
chronous mode. The configuration register can not be
changed during device operations (program, erase, or
sector lock).
Figure 3.
Synchronous/Asynchronous State
Diagram
Read Mode Setting
On power-up or hardware reset, the device is set to be
in asynchronous read mode. This setting allows the
system to enable or disable burst mode during system
operations. Address A19 determines this setting: “1” for
asynchronous mode, “0” for synchronous mode.
Programmable Wait State Configuration
The programmable wait state feature informs the
device of the number of clock cycles that must elapse
after AVD# is driven active before data will be available.
This value is determined by the input frequency of the
device. Address bits A14–A12 determine the setting
(see Table 14, “Programmable Wait State Settings,” on
page 34).
The wait state command sequence instructs the device
to set a particular number of clock cycles for the initial
access in burst mode. The number of wait states that
should be programmed into the device is directly
related to the clock frequency.
Power-up/
Hardware Reset
Asynchronous Read
Mode Only
Synchronous Read
Mode Only
Set Burst Mode
Configuration Register
Command for
Synchronous Mode
(D15 = 0)
Set Burst Mode
Configuration Register
Command for
Asynchronous Mode
(D15 = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com