Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS640HD9V Datasheet(PDF) 70 Page - Advanced Micro Devices

Part # BS640HD9V
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

BS640HD9V Datasheet(HTML) 70 Page - Advanced Micro Devices

Back Button BS640HD9V Datasheet HTML 66Page - Advanced Micro Devices BS640HD9V Datasheet HTML 67Page - Advanced Micro Devices BS640HD9V Datasheet HTML 68Page - Advanced Micro Devices BS640HD9V Datasheet HTML 69Page - Advanced Micro Devices BS640HD9V Datasheet HTML 70Page - Advanced Micro Devices BS640HD9V Datasheet HTML 71Page - Advanced Micro Devices BS640HD9V Datasheet HTML 72Page - Advanced Micro Devices BS640HD9V Datasheet HTML 73Page - Advanced Micro Devices BS640HD9V Datasheet HTML 74Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 89 page
background image
68
Am29BDS128H/Am29BDS640H
27024B3 May 10, 2006
D A TA
SH EE T
AC CHARACTERISTICS
Hardware Reset (RESET#)
Note: Not 100% tested.
Parameter
Description
All Speed
Options
Unit
JEDEC
Std
tReadyw
RESET# Pin Low (During Embedded Algorithms)
to Read Mode (See Note)
Max
20
μs
tReady
RESET# Pin Low (NOT During Embedded Algorithms)
to Read Mode (See Note)
Max
500
ns
tRP
RESET# Pulse Width
Min
500
ns
tRH
Reset High Time Before Read (See Note)
Min
200
ns
tRPD
RESET# Low to Standby Mode
Min
20
μs
RESET#
tRP
tReady
Reset Timings NOT during Embedded Algorithms
tReadyw
CE#, OE#
tRH
CE#, OE#
Reset Timings during Embedded Algorithms
RESET#
tRP
Figure 33.
Reset Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com