Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS640HD9V Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # BS640HD9V
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

BS640HD9V Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button BS640HD9V Datasheet HTML 28Page - Advanced Micro Devices BS640HD9V Datasheet HTML 29Page - Advanced Micro Devices BS640HD9V Datasheet HTML 30Page - Advanced Micro Devices BS640HD9V Datasheet HTML 31Page - Advanced Micro Devices BS640HD9V Datasheet HTML 32Page - Advanced Micro Devices BS640HD9V Datasheet HTML 33Page - Advanced Micro Devices BS640HD9V Datasheet HTML 34Page - Advanced Micro Devices BS640HD9V Datasheet HTML 35Page - Advanced Micro Devices BS640HD9V Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 89 page
background image
30
Am29BDS128H/Am29BDS640H
27024B3 May 10, 2006
D A TA
SH EE T
SA199
32 Kwords
600000h–607FFFh
SA231
32 Kwords
700000h–707FFFh
SA200
32 Kwords
608000h–60FFFFh
SA232
32 Kwords
708000h–70FFFFh
SA201
32 Kwords
610000h–617FFFh
SA233
32 Kwords
710000h–717FFFh
SA202
32 Kwords
618000h–61FFFFh
SA234
32 Kwords
718000h–71FFFFh
SA203
32 Kwords
620000h–627FFFh
SA235
32 Kwords
720000h–727FFFh
SA204
32 Kwords
628000h–62FFFFh
SA236
32 Kwords
728000h–72FFFFh
SA205
32 Kwords
630000h–637FFFh
SA237
32 Kwords
730000h–737FFFh
SA206
32 Kwords
638000h–63FFFFh
SA238
32 Kwords
738000h–73FFFFh
SA207
32 Kwords
640000h–647FFFh
SA239
32 Kwords
740000h–747FFFh
SA208
32 Kwords
648000h–64FFFFh
SA240
32 Kwords
748000h–74FFFFh
SA209
32 Kwords
650000h–657FFFh
SA241
32 Kwords
750000h–757FFFh
SA210
32 Kwords
658000h–65FFFFh
SA242
32 Kwords
758000h–75FFFFh
SA211
32 Kwords
660000h–667FFFh
SA243
32 Kwords
760000h–767FFFh
SA212
32 Kwords
668000h–66FFFFh
SA244
32 Kwords
768000h–76FFFFh
SA213
32 Kwords
670000h–677FFFh
SA245
32 Kwords
770000h–777FFFh
SA214
32 Kwords
678000h–67FFFFh
SA246
32 Kwords
778000h–77FFFFh
SA215
32 Kwords
680000h–687FFFh
SA247
32 Kwords
780000h–787FFFh
SA216
32 Kwords
688000h–68FFFFh
SA248
32 Kwords
788000h–78FFFFh
SA217
32 Kwords
690000h–697FFFh
SA249
32 Kwords
790000h–797FFFh
SA218
32 Kwords
698000h–69FFFFh
SA250
32 Kwords
798000h–79FFFFh
SA219
32 Kwords
6A0000h–6A7FFFh
SA251
32 Kwords
7A0000h–7A7FFFh
SA220
32 Kwords
6A8000h–6AFFFFh
SA252
32 Kwords
7A8000h–7AFFFFh
SA221
32 Kwords
6B0000h–6B7FFFh
SA253
32 Kwords
7B0000h–7B7FFFh
SA222
32 Kwords
6B8000h–6BFFFFh
SA254
32 Kwords
7B8000h–7BFFFFh
SA223
32 Kwords
6C0000h–6C7FFFh
SA255
32 Kwords
7C0000h–7C7FFFh
SA224
32 Kwords
6C8000h–6CFFFFh
SA256
32 Kwords
7C8000h–7CFFFFh
SA225
32 Kwords
6D0000h–6D7FFFh
SA257
32 Kwords
7D0000h–7D7FFFh
SA226
32 Kwords
6D8000h–6DFFFFh
SA258
32 Kwords
7D8000h–7DFFFFh
SA227
32 Kwords
6E0000h–6E7FFFh
SA259
32 Kwords
7E0000h–7E7FFFh
SA228
32 Kwords
6E8000h–6EFFFFh
SA260
32 Kwords
7E8000h–7EFFFFh
SA229
32 Kwords
6F0000h–6F7FFFh
SA261
32 Kwords
7F0000h–7F7FFFh
SA230
32 Kwords
6F8000h–6FFFFFh
SA262
4 Kwords
7F8000h–7F8FFFh
SA263
4 Kwords
7F9000h–7F9FFFh
SA264
4 Kwords
7FA000h–7FAFFFh
SA265
4 Kwords
7FB000h–7FBFFFh
SA266
4 Kwords
7FC000h–7FCFFFh
SA267
4 Kwords
7FD000h–7FDFFFh
SA268
4 Kwords
7FE000h–7FEFFFh
SA269
4 Kwords
7FF000h–7FFFFFh
Table 12.
Am29BDS128H Sector Address Table (Continued)
Bank
Sector
Sector Size
(x16) Address Range
Bank
Sector
Sector Size
(x16) Address Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com