Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS640HD9V Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # BS640HD9V
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

BS640HD9V Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button BS640HD9V Datasheet HTML 9Page - Advanced Micro Devices BS640HD9V Datasheet HTML 10Page - Advanced Micro Devices BS640HD9V Datasheet HTML 11Page - Advanced Micro Devices BS640HD9V Datasheet HTML 12Page - Advanced Micro Devices BS640HD9V Datasheet HTML 13Page - Advanced Micro Devices BS640HD9V Datasheet HTML 14Page - Advanced Micro Devices BS640HD9V Datasheet HTML 15Page - Advanced Micro Devices BS640HD9V Datasheet HTML 16Page - Advanced Micro Devices BS640HD9V Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 89 page
background image
May 10, 2006 27024B3
Am29BDS128H/Am29BDS640H
11
D A TA
SH EE T
DEVICE BUS OPERATIONS
This section describes the requirements and use of the
device bus operations, which are initiated through the
internal command register. The command register
itself does not occupy any addressable memory loca-
tion. The register is composed of latches that store the
commands, along with the address and data informa-
tion needed to execute the command. The contents of
the register serve as inputs to the internal state
machine. The state machine outputs dictate the func-
tion of the device. Table 1 lists the device bus opera-
tions, the inputs and control levels they require, and the
resulting output. The following subsections describe
each of these operations in further detail.
Table 1.
Device Bus Operations
Legend: L = Logic 0, H = Logic 1, X = Don’t Care, S = Stable Logic 0 or 1 but no transitions.
Note: Default active edge of CLK is the rising edge.
Requirements for Asynchronous Read
Operation (Non-Burst)
To read data from the memory array, the system must
first assert a valid address on Amax–A0, while driving
AVD# and CE# to VIL. WE# should remain at VIH. The
rising edge of AVD# latches the address. The data will
appear on DQ15–DQ0. Since the memory array is
divided into four banks, each bank remains enabled for
read access until the command register contents are
altered.
Address access time (tACC) is equal to the delay from
stable addresses to valid output data. The chip enable
access time (tCE) is the delay from the stable
addresses and stable CE# to valid data at the outputs.
The output enable access time (tOE) is the delay from
the falling edge of OE# to valid data at the output.
The internal state machine is set for reading array data
in asynchronous mode upon device power-up, or after
a hardware reset. This ensures that no spurious alter-
ation of the memory content occurs during the power
transition.
Requirements for Synchronous (Burst)
Read Operation
The device is capable of continuous sequential burst
operation and linear burst operation of a preset length.
When the device first powers up, it is enabled for asyn-
chronous read operation.
Prior to entering burst mode, the system should deter-
mine how many wait states are desired for the initial
word (tIACC) of each burst access, what mode of burst
operation is desired, which edge of the clock will be the
Operation
CE#
OE#
WE#
Amax–0
DQ15–0
RESET#
CLK
(See
Note)
AVD#
Asynchronous Read - Addresses Latched
L
L
H
Addr In
I/O
H
X
Asynchronous Read - Addresses Steady State
L
L
H
Addr In
I/O
H
X
L
Asynchronous Write
L
H
L
Addr In
I/O
H
X
L
Synchronous Write
L
H
L
Addr In
I/O
H
Standby (CE#)
H
X
X
HIGH Z
HIGH Z
H
X
X
Hardware Reset
X
X
X
HIGH Z
HIGH Z
L
X
X
Burst Read Operations
Load Starting Burst Address
L
X
H
Addr In
X
H
Advance Burst to next address with
appropriate Data presented on the Data Bus
LL
H
HIGH Z
Burst
Data Out
HH
Terminate current Burst read cycle
H
X
H
HIGH Z
HIGH Z
H
X
Terminate current Burst read cycle via
RESET#
X
X
H
HIGH Z
HIGH Z
L
X
X
Terminate current Burst read cycle and start
new Burst read cycle
L
X
H
HIGH Z
I/O
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com