Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS640HD9V Datasheet(PDF) 89 Page - Advanced Micro Devices

Part # BS640HD9V
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

BS640HD9V Datasheet(HTML) 89 Page - Advanced Micro Devices

Back Button BS640HD9V Datasheet HTML 81Page - Advanced Micro Devices BS640HD9V Datasheet HTML 82Page - Advanced Micro Devices BS640HD9V Datasheet HTML 83Page - Advanced Micro Devices BS640HD9V Datasheet HTML 84Page - Advanced Micro Devices BS640HD9V Datasheet HTML 85Page - Advanced Micro Devices BS640HD9V Datasheet HTML 86Page - Advanced Micro Devices BS640HD9V Datasheet HTML 87Page - Advanced Micro Devices BS640HD9V Datasheet HTML 88Page - Advanced Micro Devices BS640HD9V Datasheet HTML 89Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 89 / 89 page
background image
May 10, 2006 27024B3
Am29BDS128H/Am29BDS640H
87
D A TA
SH EE T
REVISION SUMMARY
Revision A (November 5, 2002)
Initial release.
Revision B (February 2, 2004)
Global
Incorporated Am29BDS640H specifications from pub-
lication 27241.
Removed 1.5 V VIO option. Changed 80 MHz speed
grade to 75 MHz.
In-System Sector Protection/Sector Unprotection
Algorithms
Changed “Wait 15 ms” to “Wait 1.5 ms.”
Password Protection Mode Locking Bit;
Persistent Sector Protection Mode Locking Bit
Program Command;
SecSi Sector Protection Bit Program Command;
PPB Program Command; All PPB Erase Command
Updated description for these sections.
Command Definitions
Changed WP to (01000010). Set Configuration Reg-
ister command is not available in Unlock Bypass Mode
Removed Password Protection Locking Bit Read
command and Persistent Protection Locking Bit Read
command. Updated PPB Program, Erase, Status com-
mands to require Sector Block Address (SBA).
DC Characteristics
Updated IIO1, ICC1, ICC3, ICC4, ICC6
Test Conditions
Updated Input Rise and Fall Times.
VCC Power Up
Added Ramp Rate information.
CLK Characterization
Added section.
Revision B+1 (August 10, 2004)
Global
Incorporated Am29BDS640H specifications from pub-
lication 27241.
Updated speed options offered.
Revision B2 (September 30, 2005)
Ordering Information
Added package type VF (Pb-free Package (VBB080))
Revision B3 (May 10, 2006)
Added migration and obsolescence information for
Am29BDS640H. Removed Preliminary designation
from document.
Colophon
The products described in this document are designed, developed and manufactured as contemplated for general use, including without limita-
tion, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as con-
templated (1) for any use that includes fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the
public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility,
aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for
any use where chance of failure is intolerable (i.e., submersible repeater and artificial satellite). Please note that Spansion will not be liable to
you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. Any semiconductor de-
vices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design mea-
sures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating
conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign
Exchange and Foreign Trade Law of Japan, the US Export Administration Regulations or the applicable laws of any other country, the prior au-
thorization by the respective government entity will be required for export of those products.
Trademarks
Copyright © 2002–2006 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com