Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KITLEDBKLT16EVBE. Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # KITLEDBKLT16EVBE.
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KITLEDBKLT16EVBE. Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button KITLEDBKLT16EVBE. Datasheet HTML 17Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 18Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 19Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 20Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 21Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 22Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 23Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 24Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
34844
FUNCTIONAL DEVICE OPERATION
I2C BUS SPECIFICATION
I2C BUS SPECIFICATION
The 34844 is a unidirectional device that can only be written by an external control unit. Since the device is a 7 bit address device
(1110110), the control unit needs to follow a specific data transfer format which is shown in Table 6.
Figure 6. A Complete Data Transfer
For a complete data transfer, use this format in the following order:
1. START condition
2. 34844 device address and Write instruction (R/W = 0)
3. First data pack, it corresponds to the 34844 register needing to be written. (refer to Table 6)
4. Second data pack, it corresponds to the value which should be written to that register. (refer to Table 6)
5. STOP condition
I2C variables description:
• START: this condition occurs when SDA changes from HIGH to LOW while SCK is HIGH.
• ACKNOWLEDGE: The acknowledge clock pulse is generated by the Master (Control Unit).
• The transmitter releases the SDA line (HIGH) during the acknowledge clock pulse.The receiver (34844) must pull down the SDA line
during this acknowledge pulse to indicate that the data was correctly written.
• Bits in the first byte: The first seven bits of the first bite make up the slave address. The eighth bit is the LSB (least significant bit), which
determines the direction of the message (Write = 0)
For the 34844 device, when an address is sent, each of the devices in a system compares the first seven bits after the START condition
with its address. If they match, the device considers itself addressed by the control unit as a slave-receiver.
• STOP: this condition occurs when SDA changes from LOW to HIGH while SCK is HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com