Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KITLEDBKLT16EVBE. Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # KITLEDBKLT16EVBE.
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KITLEDBKLT16EVBE. Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button KITLEDBKLT16EVBE. Datasheet HTML 29Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 30Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 31Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 32Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 33Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 34Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 35Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 36Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 37Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
Analog Integrated Circuit Device Data
36
Freescale Semiconductor
34844
REVISION HISTORY
PACKAGE MECHANICAL DIMENSIONS
REVISION HISTORY
REVISION
DATE
DESCRIPTION OF CHANGES
3.0
11/2008
• Initial Release
4.0
3/2009
• Added PWM Pin to Maximum Voltages in Maximum Rating Table.
• Added Disabling LED Channels
• Rewrote Fail Pin section
• Added I2C Bus Specification
5.0
5/2009
• Corrected Compensation Components paragraph on page 32.
6.0
9/2009
• Added Part Number MC34844AEP/R2.
7.0
3/2010
• Combined Complete Data sheet for Part Numbers MC34844 and MC34844A to this data
sheet.
8.0
7/2010
• Removed OVP=4h, OVP=3h and OVP=2h rows from Table 11.
• PWM and CK Frequency range changed in Electrical Characteristics table.
9.0
3/2012
• Added resistor between VDC1 and VDC3 on the application drawings. Added to notes
for VDC3 on pages 9, 14, 37, and 42.
10
8/2014
• Removed MC34844EP from the ordering information
• Upgraded Freescale form and style to current standard
• Updated back page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com