Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KITLEDBKLT16EVBE. Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # KITLEDBKLT16EVBE.
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KITLEDBKLT16EVBE. Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button KITLEDBKLT16EVBE. Datasheet HTML 11Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 12Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 13Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 14Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 15Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 16Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 17Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 18Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
34844
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Figure 5. Functional Internal Block Diagram
REGULATORS
The 34844 is designed to operate from input voltages in the 7.0 to 28 V range. This is stepped down internally by LDOs to 2.5 V (VDC1
and VDC3) and 6 V (VDC3) for powering internal circuitry. If the input voltage falls below the UVLO threshold, the device automatically
enters in shutdown mode.
Power UP Sequence:
The power up sequence for applying VIN, with respect to the ENABLE and PWM signals is very important to assure a good performance
of the part.
It is recommended to follow this sequence:
1. Apply VIN first
2. Wait for a couple of milliseconds (~2.0 ms) to let the logic and internal regulators get settled
3. Take the EN pin high, or keep it low depending on the operating mode
4. Apply the PWM signal
Operating Modes:
The device can be operated by the EN pin and/or SDA/SCK bus lines, resulting in three distinct operation modes:
• Manual mode, there is no I2C capability, the bus line pins must be tied low, and the EN pin controls the ON/OFF operation. To shutdown
the part in Manual mode, first the PWM pin should be taken low followed by the EN pin. The part will not shutdown unless VOUT
collapses to a voltage below 30 V.
• SM Bus mode, EN pin must be tied low and the device is turned ON by any activity on the bus lines. The part shuts down if the bus
lines are held low for more than 30 ms, the 30 ms watchdog timer can be disabled by I2C (setting SETI2C bit high) or tying the EN pin
high. In Sleep mode (EN bit=0) the device reduces the power consumption by leaving “alive” only the blocks required for I2C
communication.To shutdown the part in SM Bus mode, the EN bit should first be a '0', then the SCK and SDA should be taken low.
MC34844 - Functional Block Diagram
Regulator / Power down
Protection / Failure Detection
LED Channels
LED Channels
Logic Control
Regulators / Power Down
Three Internal Regulators
Protection / Failure Detection
Logic Control
Serial Interface Control
Boost
Boost
Optical and Temperature Control
PWM Dimming
Overtemperature Protection
LED Open Protection
Overcurrent Protection
Undervoltage Protection
Overvoltage Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com