Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KITLEDBKLT16EVBE. Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # KITLEDBKLT16EVBE.
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KITLEDBKLT16EVBE. Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button KITLEDBKLT16EVBE. Datasheet HTML 22Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 23Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 24Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 25Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 26Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 27Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 28Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 29Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Analog Integrated Circuit Device Data
26
Freescale Semiconductor
34844
TYPICAL APPLICATIONS
LOGIC COMMANDS AND REGISTERS
Figure 11. HIGH VOUT application (Manual Mode)
Conditions: VIN = 60 to 72V, VOUT = 120 V, Load = 40S8P, ILED = 60 mA, OVP = 125 V, fSW = 300 kHz
EN_DLY
VDC2
EN_DLY
PWM = 200Hz (5V)
0
VIN = 60V to 72V
0
0
0
0
VOUT = 120V
VOUT
0
VDC1
VDC1
0
0
0
0
0
0
ISET =
60mA
LED MATRIX (40S8P)
OVP = 125V
10
10
PDS3200
PDS3200
1
3
2
4.64K
4.64K
220pF
220pF
220pF
220pF
220pF
220pF
0.1UF
0.1UF
3SMBJ5941B-TP
47V
3SMBJ5941B-TP
47V
18K
18K
6.8K
6.8K
27K
27K
100pF
100pF
200k
200k
270K
270K
+
10uF
250V
+
10uF
250V
2.2uF
2.2uF
MMSZ5268BT1G
82V
MMSZ5268BT1G
82V
10uF
100V
10uF
100V
FDS2572
FDS2572
2.2uF
2.2uF
150UH
7447709151
150UH
7447709151
220pF
220pF
3.3nF
3.3nF
+
47uF
100V
+
47uF
100V
220pF
220pF
+
10uF
250V
+
10uF
250V
+
10uF
250V
+
10uF
250V
220pF
220pF
10.0K
10.0K
0.1UF
100V
0.1UF
100V
MC34844A
MC34844A
VIN
1
VDC1
28
COMP
29
EN
7
CK
24
M/~S
30
PWM
25
SCK
27
SDA
26
A0/SEN
6
ISET
19
PIN
20
NIN
21
SWA
4
SWB
3
VOUT
32
PGNDA
5
PGNDB
2
VDC2
31
FAIL
18
I0
8
I1
9
I2
10
I3
11
I4
12
I5
13
I6
14
I7
15
I8
16
I9
17
VDC3
23
SLOPE
22
GND
33
220pF
220pF
2.2uF
2.2uF
2.2uF
2.2uF
1uF
250V
1uF
250V
220pF
220pF
1.0k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com