Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KITLEDBKLT16EVBE. Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # KITLEDBKLT16EVBE.
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KITLEDBKLT16EVBE. Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button KITLEDBKLT16EVBE. Datasheet HTML 24Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 25Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 26Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 27Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 28Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 29Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 30Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 31Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
34844
TYPICAL APPLICATIONS
COMPONENTS CALCULATION
The output capacitor should handle at least the following RMS current.
Network Compensation
Since this Boost converter is current controlled, Type II compensation is needed.
To calculate the Network Compensation, first calculate all Boost Converter components.
For this type of compensation, push out the Right Half Plane Zero to higher frequencies where they can’t significantly affect the overall
loop.
The Crossover frequency must be set much lower than the location of the Right half plane zero
Since the system has a fixed Slope, compensation set by RSLOPE, RCOMP should be fixed for all configurations.
CCOMP1 and CCOMP2 should be calculated as follows:
To improve the transient response of the boost, on the 34844, a resistor divider is implemented from the PWM pin to ground with a
connection to the compensation network. This configuration should inject a 1.0 V signal to the COMP pin and the Thevenin-equivalent
resistance of the divider is close to RCOMP, i.e. RCOMP = 6.8 k and RPCOMP= 27 k for a 5.0 V PWM signal.
ESRCout
Vout
Vout FSW L
Vout
1 D
–

------------------------------------------------------------------
=
IrmsCout Iout
D
1D
–
-------------
=
fRHPZ
Vout
1 D
–

2
Iout 2
 L
-----------------------------------------
=
fCross
fRHPZ
5
------------------
=
RComp 5.6kohm
=
CComp1
2
fCross RComp  2
---------------------------------------------------------------
=
CComp2
GM
6.28 FSW
-----------------------------
=
PWM
COMP PIN
RPCOMP
RCOMP
CCOMP1
CCOMP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com