Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KITLEDBKLT16EVBE. Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # KITLEDBKLT16EVBE.
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KITLEDBKLT16EVBE. Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button KITLEDBKLT16EVBE. Datasheet HTML 12Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 13Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 14Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 15Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 16Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 17Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 18Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 19Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
34844
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
•I2C mode, has to be configured by I2C communication (SETI2C bit = 1) right after the IC is turned ON, it prevents the part from being
turned ON/OFF by the bus. Sleep mode is also present and it is intended to save power, but still keep the IC prepared to communicate
by I2C. By taking the EN bit low and then the EN pin low, the part enters into a shutdown mode.
BOOST
The integrated boost converter operates in non-synchronous mode and integrates a 2.5 A FET. An integrated sense circuit is used to
sense the voltage at the LED current mirror inputs and automatically sets the boost output voltage (DHC) to the minimum voltage needed
to keep all LEDs biased with the required current. The DHC is designed to operate for pulse widths > 400 ns in the LED drivers.
If the pulse widths are shorter than specified, the DHC circuit will not operate and the voltage across the LED drivers increase to a value
given by the OVP minus the total LED voltage in the LED string. Therefore it is imperative to select the proper OVP level to minimize power
dissipation.
The user can program the boost frequency by I2C (BST[1:0]) only after the IC is powered up and before the boost circuit is turned ON
for the first time (PWM pin low to high). This sequence avoids boost frequency to be changed inadvertently during operation. The first I2C
command has to wait for 5.0 ms after the part is turned ON, to allow sufficient time for the device power up sequence to be completed.
Please follow this sequence to change the Boost frequency thru I2C:
1. Take PWM pin low
2. Disable the part by software (EN bit = low)
3. Write the new Boost frequency data (BST[1:0])
4. Enable the part by software (EN bit = high)
5. Reconfigure all registers
6. Take PWM pin High
The boost controller has an integral track and hold amplifier with indefinite hold time capability, to enable immediate LED on cycles after
extended off times. During extended off times, the external LEDs cool down from their normal quiescent operating temperature and
thereby experience a forward voltage change, typically an increase in the forward voltage. This change can be significant for applications
with a large number of series LEDs in a string operating at high current. If the boost controller did not track this increased change, the
potential on the LED drivers would saturate for a few cycles once the LED channels are re-enabled.
HARDWARE AND SOFTWARE OVP:
The OVP value should be set to a higher value than the maximum LED voltage over the whole temperature range. A good practice is
to set it 5.0 V or so above the max LED voltage.
The OVP can be set from 11 to 62 V, ~4.0 V spaced, using the I2C interface (OVP Register). If the I2C capability is not present, the
OVP can be controlled either by a resistor divider connected from VOUT to GND, with its mid point tied to the A0/SEN pin, or by a zener
diode from VOUT to the A0/SEN pin (threshold = 6.5 V). During an OVP condition, the output voltage goes to the OVP level, which is
programmed via the I2C interface or settled by a resistor divider on A0/SEN pin, or by a zener diode. The formulas to calculate the
hardware OVP using any of the two methods are as follows:
Table 5. Operation Current Consumption Modes
MODE
EN Pin
SCK/SDA Pins
I2C Bit Command
Current Consumption Mode
Comments
Manual
Low
Low
N/A
Shutdown
PWM pin = Low
High
Low
N/A
Operational
SM Bus
Low
Low (> 27 ms)
EN bit = 0
Shutdown
Low
Active
EN bit = 0
Sleep
Low
Active
EN bit = 1
Operational
I2C
Low
X
SETI2C bit = 1
I2C Low Power (Shutdown)
Part Doesn’t
Wake-up
CLRI2C bit = 0
EN bit = 0
High
X
SETI2C bit = 1
Sleep
CLRI2C bit = 0
EN bit = 0
High
X
SETI2C bit = 1
Operational
CLRI2C bit = 0
EN bit = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com