Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KITLEDBKLT16EVBE. Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # KITLEDBKLT16EVBE.
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KITLEDBKLT16EVBE. Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button KITLEDBKLT16EVBE. Datasheet HTML 19Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 20Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 21Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 22Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 23Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 24Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 25Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 26Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
34844
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Table 7. Register Description
Register Name
Default Value (Hex)
Description
EN
1
Chip Enable by software.
PINEN
1
PIN pin enable (0 = OFF, 1 = ON)
NINEN
1
NIN pin enable (0 = OFF, 1 = ON)
OVP[3:0]
F
OVP voltage
SETI2C
0
SET I2C communication (Disable SM Bus mode)
CLRI2C
0
Clear set I2C
FPWM[17:0]
300
PWM Frequency
DPWM[7:0]
FF
PWM Duty Cycle (FFh = 100%)
CHEN[9:0]
3FF
Channel Enable (0 = OFF, 1 = ON)
ALL_OFF
0
All 10 channels OFF at the same. To reactivate channels this bit should be clear.
CLRFAIL
0
Clear fail if channels are re-enable.
PWR_OFF
0
POWER OFF LED channels (0 = disable, 1 = enable)
PWR_ON
0
POWER ON LED channels (0 = disable, 1 = enable)
BST[1:0]
2
Boost Frequency (160, 320, 650, 1300 kHz) [0h = 160 Hz]
ICH#[7:0]
FF
Channel Current Program (FFh = Maximum Current)
ICHG[7:0]
FF
Global Current Program
Table 8. Overvoltage Protection
Register (hex)
OVP Value (vOLTS)
2
11
3
15
4
19
5
23
6
27
7
31
8
35
9
39
A
43
B
47
C
51
D
55
E
59
F
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com