Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KITLEDBKLT16EVBE. Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # KITLEDBKLT16EVBE.
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KITLEDBKLT16EVBE. Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button KITLEDBKLT16EVBE. Datasheet HTML 23Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 24Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 25Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 26Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 27Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 28Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 29Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 30Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
27
34844
TYPICAL APPLICATIONS
COMPONENTS CALCULATION
COMPONENTS CALCULATION
The following formulas are intended for the calculation of all external components related with the Boost converter and Network
compensation. To calculate a Duty Cycle, the internal losses of the MOSFET and Diode should be taken into consideration.
The average input current depends directly to the output current when the internal switch is off.
Inductor
For calculating the Inductor we should consider the losses of the internal switch and winding resistance of the inductor.
It is important to look for an inductor rated at least for the maximum input current.
Input Capacitor
The input capacitor should handle at least the following RMS current.
Output Capacitor
For the output capacitor selection the internal current sense gain (CSG) and the Transconductance should be taken in consideration.
The CSG is the internal RSENSE times the current sense amplifier gain (ACSA).
The output voltage ripple (
VOUT) depends on the ESR of the Output capacitor. For a low output voltage ripple, it is recommended to
use Ceramic capacitors usually having very low ESR. Since ceramic capacitor are expensive, Electrolytic or Tantalum capacitors can be
mixed with ceramic capacitors for an inexpensive solution.
D
Vout VD Vin
–
+
Vout VD VSW
–
+
------------------------------------------------
=
Iinavg
Iout
1D
–
-------------
=
L
Vin VSW
–Iinavg rw

–
 D
Iinavg r
FSW
--------------------------------------------------------------------------------------
=
Iinmax Iinavg
Vin
Vout Vin
–

2LFSW Vout
----------------------------------------------------
+
=
IrmsCin
Vin
Vout Vin
–

2L FSW Vout
----------------------------------------------------

 0.3
=
CSG
ACSA RSense
=
Cout
RComp 5GM
Iout L
1D
–
 Vout CSG
-------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com