Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KITLEDBKLT16EVBE. Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # KITLEDBKLT16EVBE.
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KITLEDBKLT16EVBE. Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button KITLEDBKLT16EVBE. Datasheet HTML 25Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 26Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 27Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 28Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 29Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 30Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 31Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 32Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
29
34844
TYPICAL APPLICATIONS
COMPONENTS CALCULATION
Slope Compensation
Slope Compensation can be expressed either in terms of Ampers/Second or as Volts/Second, through the use of the transfer
resistance.
The following formula express the Slope Compensation in terms of V/s:
To have this slope compensation, the following resistor should be set.
Variable Definition
D = Boost duty cycle
VOUT = Output voltage
VD = Diode forward voltage
VIN = Input voltage
VSW = VDROP of internal switch
VOUT = Output voltage ripple ratio
IINAVG = Average input current
IOUT = Output current
r = Input current ratio
IINMAX = Maximum input current
IRMSCIN = RMS current for input capacitor
IRMSCOUT = RMS current for output capacitor
L = Inductor
RW = Inductor winding DC resistance
fSW = Boost switching frequency
CSG = Current sense gain = 0.2 V/A
ACSA = Current sense amplifier gain = 9
RSENSE = Current sense resistor = 22 m
COUT = Output capacitor
RCOMP = Compensation resistor
GM = OTA transconductance
ESRCOUT = ESR of output capacitor
fRHPZ = Right half plane zero frequency
fCROSS = Crossover frequency
CCOMP1 = Compensation capacitor
CCOMP2 = Shunt compensation capacitor
VSLOPE = Slope compensation (V/s)
RSLOPE = External resistor for slope compensation
VSLOPE
Vout Vin
–
 CSG
L2
-----------------------------------------------------
=
Where “L” is in
H
RSLOPE
33
3
10
VSLOPE 5
----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com