Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KITLEDBKLT16EVBE. Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # KITLEDBKLT16EVBE.
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KITLEDBKLT16EVBE. Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button KITLEDBKLT16EVBE. Datasheet HTML 9Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 10Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 11Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 12Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 13Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 14Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 15Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 16Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
34844
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
LED backlighting is very popular for small and medium LCDs, due to some advantages over other backlighting schemes, such as the
widely used cold cathode fluorescent lamp (CCFL). The advantages of LED backlighting are low cost, long life, immunity to vibration, low
operational voltage, and precise control over its intensity. However, there is an important drawback of this method. It requires more power
than most of the other methods, and this is a major problem if the LCD size is large enough.
To address the power consumption problem, solid state optoelectronics technologies are evolving to create brighter LEDs with lower
power consumption. These new technologies together with highly efficient power management LED drivers are turning LEDs, a more
suitable solution for backlighting of almost any size of LCD panel, with really conservative power consumption.
One of the most common schemes for backlighting with LED is the one known as “Array backlighting”. This creates a matrix of LEDs
all over the LCD surface, using defraction and diffused layers to produce an homogenous and even light at the LCD surface. Each row or
column is formed by a number of LEDs in series, forcing a single current to flow through all LEDs in each string.
Using a current control driver, per row or column, helps the system to maintain a constant current flowing through each line, keeping a
steady amount of light even with the presence of line or load variations. They can also be use as a light intensity control by increasing or
decreasing the amount of current flowing through each LED string.
To achieve enough voltage to drive a number of LEDs in series, a boost converter is implemented to produce a higher voltage from a
smaller one, which is typically used by the logical blocks to do their function. The 34844 implements a single channel boost converter
together with 10 input channels, for driving up to 16 LEDs per string to create a matrix of more than 160 LEDs. Together with its 90%
efficiency and I2C programmable or external current control, among other features, makes the 34844 a perfect solution for backlighting
small and medium size LCD panels, on low power portable and high definition devices.
FUNCTIONAL PIN DESCRIPTION
INPUT VOLTAGE SUPPLY (VIN)
IC Power input supply voltage, is used internally to produce internal voltage regulation (VDC1, VDC3) for logic functioning, and also as
an input voltage for the boost regulator.
INTERNAL VOLTAGE REGULATOR 1 (VDC1)
This pin is for internal use only, and not to be used for other purposes. A capacitor of 2.2
F should be connected between this pin and
ground for decoupling purposes.
INTERNAL VOLTAGE REGULATOR 2 (VDC2)
This pin is for internal use only, and not to be used for other purposes. A capacitor of 2.2
F should be connected between this pin and
ground for decoupling purposes.
INTERNAL VOLTAGE REGULATOR 3 (VDC3)
This pin is for internal use only, and not to be used for other purposes. A capacitor of 2.2
F should be connected between this pin and
ground for decoupling purposes. A 1.0 k
resistor between the VDC3 and VDC1 pin is recommended for <-20 °C operation.
BOOST COMPENSATION PIN (COMP)
Passive terminal used to compensate the boost converter. Add a capacitor and a resistor in series to GND to stabilize the system.
IC ENABLE (EN)
The active high enable terminal is internally pulled high through pull-up resistors. Applying 0V to this terminal would stop the IC from
working.
INPUT/OUTPUT CLOCK SIGNAL (CK)
This terminal can be used as an output clock signal (master mode), or input clock signal (slave mode), to synchronize more than one
device.
MASTER/SLAVE MODE SELECTION (M/~S)
Setting this pin high puts the device into Master mode, producing an output synchronization clock at the CK terminal. Setting this pin
low, puts the device in Slave mode, using the CK pin as an input clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com