Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2000DM006 Datasheet(PDF) 29 Page - Seagate Technology LLC

Part # ST2000DM006
Description  7200 RPM spindle speed.
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAGATE [Seagate Technology LLC]
Direct Link  https://www.seagate.com/as/en/
Logo SEAGATE - Seagate Technology LLC

ST2000DM006 Datasheet(HTML) 29 Page - Seagate Technology LLC

Back Button ST2000DM006 Datasheet HTML 25Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 26Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 27Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 28Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 29Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 30Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 31Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 32Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 33Page - Seagate Technology LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
Seagate BarraCuda Product Manual, Rev. A
28
www.seagate.com
SATA Interface
5.0
SATA Interface
These drives use the industry-standard Serial ATA (SATA) interface that supports FIS data transfers. It supports ATA
programmed input/output (PIO) modes 0 to 4; multiword DMA modes 0 to 2, and Ultra DMA modes 0 to 6.
For detailed information about the SATA interface, refer to the “Serial ATA: High Speed Serialized AT Attachment”
specification.
5.1
Hot-Plug compatibility
BarraCuda drives incorporate connectors which enable users to hot plug these drives in accordance with the SATA
Revision 3.2 specification. This specification can be downloaded from www.serialata.org.
5.2
SATA device plug connector pin definitions
Table 7
summarizes the signals on the SATA interface and power connectors.
Notes
1.
All pins are in a single row, with a 1.27 mm (0.050 in) pitch.
2.
The comments on the mating sequence apply to the case of backplane blindmate connector only. In this case, the
mating sequences are:
• the ground pins P4 and P12.
• the pre-charge power pins and the other ground pins.
• the signal pins and the rest of the power pins.
3.
There are three power pins for each voltage. One pin from each voltage is used for pre-charge when installed in a
blind-mate backplane configuration.
• All used voltage pins (Vx) must be terminated.
Table 7
SATA connector pin definitions
Segment
Pin
Function
Definition
Signal
S1
Ground
2nd mate
S2
A+
Differential signal pair A from Phy
S3
A-
S4
Ground
2nd mate
S5
B-
Differential signal pair B from Phy
S6
B+
S7
Ground
2nd mate
Key and spacing separate signal and power segments
Power
P1
V33
3.3V power
P2
V33
3.3V power
P3
V33
3.3V power, pre-charge, 2nd mate
P4
Ground
1st mate
P5
Ground
2nd mate
P6
Ground
2nd mate
P7
V5
5V power, pre-charge, 2nd mate
P8
V5
5V power
P9
V5
5V power
P10
Ground
2nd mate
P11
Ground or LED signal
If grounded, drive does not use deferred spin
P12
Ground
1st mate.
P13
V12
12V power, pre-charge, 2nd mate
P14
V12
12V power
P15
V12
12V power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com