Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2000DM006 Datasheet(PDF) 17 Page - Seagate Technology LLC

Part # ST2000DM006
Description  7200 RPM spindle speed.
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAGATE [Seagate Technology LLC]
Direct Link  https://www.seagate.com/as/en/
Logo SEAGATE - Seagate Technology LLC

ST2000DM006 Datasheet(HTML) 17 Page - Seagate Technology LLC

Back Button ST2000DM006 Datasheet HTML 13Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 14Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 15Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 16Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 17Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 18Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 19Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 20Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 21Page - Seagate Technology LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
Seagate BarraCuda Product Manual, Rev. A
16
www.seagate.com
Drive Specifications
2.9.5 Shock
All shock specifications assume that the drive is mounted securely with the input shock applied at the drive mounting
screws. Shock may be applied in the X, Y or Z axis.
2.9.5.1
Operating shock
These drives comply with the performance levels specified in this document when subjected to a maximum operating
shock of 80 Gs based on half-sine shock pulses of 2 ms during read operations. Shocks should not be repeated more than
two times per second.
2.9.5.2
Non-operating shock
3TB and 2TB models
The non-operating shock level that the drive can experience without incurring physical damage or degradation in
performance when subsequently put into operation is 300 Gs based on a non-repetitive half-sine shock pulse of 2 ms
duration.
1TB and 500GB models
The non-operating shock level that the drive can experience without incurring physical damage or degradation in
performance when subsequently put into operation is 350 Gs based on a non-repetitive half-sine shock pulse of 2-ms
duration.
2.9.5.3
Operating vibration
The maximum vibration levels that the drive may experience while meeting the performance standards specified in this
document are specified below.
All vibration specifications assume that the drive is mounted securely with the input vibration applied at the drive
mounting screws. Vibration may be applied in the X, Y or Z axis. Throughput may vary if improperly mounted.
2.9.6 Non-operating vibration
The maximum non-operating vibration levels that the drive may experience without incurring physical damage or
degradation in performance when subsequently put into operation are specified below.
2Hz to 22Hz
0.25 Gs (Limited displacement)
22Hz to 350Hz
0.50 Gs
350Hz to 500Hz
0.25 Gs
5Hz to 22Hz
3.0 Gs (Limited displacement)
22Hz to 350Hz
3.0 Gs
350Hz to 500Hz
3.0 Gs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com