Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2000DM006 Datasheet(PDF) 34 Page - Seagate Technology LLC

Part # ST2000DM006
Description  7200 RPM spindle speed.
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAGATE [Seagate Technology LLC]
Direct Link  https://www.seagate.com/as/en/
Logo SEAGATE - Seagate Technology LLC

ST2000DM006 Datasheet(HTML) 34 Page - Seagate Technology LLC

Back Button ST2000DM006 Datasheet HTML 30Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 31Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 32Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 33Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 34Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 35Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 36Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 37Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 38Page - Seagate Technology LLC  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
Seagate BarraCuda Product Manual, Rev. A
33
www.seagate.com
SATA Interface
100–103
Total number of user-addressable LBA sectors available (see Section 2.2 for
related information). These words are required for drives that support the 48-
bit addressing feature. Maximum value: 0000FFFFFFFFFFFFh.
ST3000DM008 = 5,860,533,168
ST3000DM009 = 5,860,533,168
ST2000DM006 = 3,907,029,168
ST2000DM007 = 3,907,029,168
ST1000DM010 = 1,953,525,168
ST500DM009 = 976,773,168
104–107
ATA-reserved
0000H
108–111
The mandatory value of the world wide name (WWN) for the drive.
NOTE: This field is valid if word 84, bit 8 is set to 1 indicating 64-bit WWN
support.
Each drive will have a unique value.
112–127
ATA-reserved
0000H
128
Security status
0001H
129–159
Seagate-reserved
xxxxH
160–254
ATA-reserved
0000H
255
Integrity word
xxA5H
Note
Advanced Power Management (APM) and Automatic Acoustic Management (AAM) features are not supported.
Note
See the bit descriptions below for words 63, 84, and 88 of the Identify Drive data.
Table 9
Identify Device commands (continued)
Word
Description
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com