Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2000DM006 Datasheet(PDF) 19 Page - Seagate Technology LLC

Part # ST2000DM006
Description  7200 RPM spindle speed.
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAGATE [Seagate Technology LLC]
Direct Link  https://www.seagate.com/as/en/
Logo SEAGATE - Seagate Technology LLC

ST2000DM006 Datasheet(HTML) 19 Page - Seagate Technology LLC

Back Button ST2000DM006 Datasheet HTML 15Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 16Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 17Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 18Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 19Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 20Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 21Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 22Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 23Page - Seagate Technology LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
Seagate BarraCuda Product Manual, Rev. A
18
www.seagate.com
Drive Specifications
2.12 Reliability
2.12.1 Annualized Failure Rate (AFR)
The production disk drive shall achieve an annualized failure-rate of <1.0% over a 5 year service life when used in Desktop
Storage field conditions as limited by the following:
• 2400 power-on-hours per year.
• Typical workload
2.12.2 Storage
Maximum storage periods are 180 days within original unopened Seagate shipping package or 60 days unpackaged
within the defined non-operating limits (refer to environmental section in this manual). Storage can be extended to 1 year
packaged or unpackaged under optimal environmental conditions (25°C, <40% relative humidity non-condensing, and
non-corrosive environment). During any storage period the drive non-operational temperature, humidity, wet bulb,
atmospheric conditions, shock, vibration, magnetic and electrical field specifications should be followed.
2.13 Agency certification
2.13.1 Safety certification
These products are certified to meet the requirements of UL60950-1, CSA60950-1 and EN60950 and so marked as to the
certify agency.
2.13.2 Electromagnetic compatibility
Hard drives that display the CE mark comply with the European Union (EU) requirements specified in the Electromagnetic
Compatibility Directive (2004/108/EC) as put into place 20 July 2007. Testing is performed to the levels specified by the
product standards for Information Technology Equipment (ITE). Emission levels are defined by EN 55022, Class B and the
immunity levels are defined by EN 55024.
Drives are tested in representative end-user systems. Although CE-marked Seagate drives comply with the directives when
used in the test systems, we cannot guarantee that all systems will comply with the directives. The drive is designed for
operation inside a properly designed enclosure, with properly shielded I/O cable (if necessary) and terminators on all
unused I/O ports. Computer manufacturers and system integrators should confirm EMC compliance and provide CE
marking for their products.
Nonrecoverable read errors
1 per 1014 bits read, max
Rated Workload
Average annualized workload rating: <55 TB/year.
The AFR specification for the product assumes the I/O workload does not exceed the average
annualized workload rate limit of 55 TB/year. Workloads exceeding the annualized rate may
degrade the product AFR and impact reliability as experienced by the particular application.
The average annualized workload rate limit is in units of TB per calendar year.
Warranty
To determine the warranty for a specific drive, use a web browser to access the following web
page: http://www.seagate.com/support/warranty-and-replacements/.
From this page, click on the “Is my Drive under Warranty” link. The following are required to
be provided: the drive serial number, model number (or part number) and country of
purchase. The system will display the warranty information for the drive.
Preventive maintenance
None required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com