Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2000DM006 Datasheet(PDF) 11 Page - Seagate Technology LLC

Part # ST2000DM006
Description  7200 RPM spindle speed.
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAGATE [Seagate Technology LLC]
Direct Link  https://www.seagate.com/as/en/
Logo SEAGATE - Seagate Technology LLC

ST2000DM006 Datasheet(HTML) 11 Page - Seagate Technology LLC

Back Button ST2000DM006 Datasheet HTML 7Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 8Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 9Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 10Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 11Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 12Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 13Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 14Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 15Page - Seagate Technology LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Seagate BarraCuda Product Manual, Rev. A
10
www.seagate.com
Drive Specifications
2.2
Formatted capacity
*One GB equals one billion bytes and 1TB equals one trillion bytes when referring to hard drive capacity. Accessible capacity may vary depending on
operating environment and formatting.
2.2.1 LBA mode
When addressing these drives in LBA mode, all blocks (sectors) are consecutively numbered from 0 to n–1, where n is the
number of guaranteed sectors as defined above.
See Section 5.3.1, "Identify Device command" (words 60-61 and 100-103) for additional information about 48-bit
addressing support of drives with capacities over 137GB.
2.3
Default logical geometry
• Cylinders: 16,383
• Read/write heads: 16
• Sectors per track: 63
LBA mode
When addressing these drives in LBA mode, all blocks (sectors) are consecutively numbered from 0 to n–1, where n is the
number of guaranteed sectors as defined above.
2.4
Recording and interface technology
Model
Formatted capacity*
Guaranteed sectors
Bytes per sector
ST3000DM008 & ST3000DM009
3000GB
5,860,533,168
4096
ST2000DM006 & ST2000DM007
2000GB
3,907,029,168
ST1000DM010
1000GB
1,953,525,168
ST500DM009
500GB
976,773,168
Interface
SATA
Recording method
TGMR
Recording density (kFCI)
1807
Track density (ktracks/inch avg)
352
Areal density (Gb/in2)625
Spindle speed (RPM)
7200 ± 0.2%
Internal data transfer rate (Mb/s max)
2147
Maximum sustained data transfer rate, OD read (MB/s)
210
Average data rate, read/write (MB/s)
156
I/O data-transfer rate (MB/s max)
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com