Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2000DM006 Datasheet(PDF) 22 Page - Seagate Technology LLC

Part # ST2000DM006
Description  7200 RPM spindle speed.
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAGATE [Seagate Technology LLC]
Direct Link  https://www.seagate.com/as/en/
Logo SEAGATE - Seagate Technology LLC

ST2000DM006 Datasheet(HTML) 22 Page - Seagate Technology LLC

Back Button ST2000DM006 Datasheet HTML 18Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 19Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 20Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 21Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 22Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 23Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 24Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 25Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 26Page - Seagate Technology LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Seagate BarraCuda Product Manual, Rev. A
21
www.seagate.com
Drive Specifications
2.15
Corrosive environment
Seagate electronic drive components pass accelerated corrosion testing equivalent to 10 years exposure to light industrial
environments containing sulfurous gases, chlorine and nitric oxide, classes G and H per ASTM B845. However, this
accelerated testing cannot duplicate every potential application environment. Users should use caution exposing any
electronic components to uncontrolled chemical pollutants and corrosive chemicals as electronic drive component
reliability can be affected by the installation environment. The silver, copper, nickel and gold films used in Seagate
products are especially sensitive to the presence of sulfide, chloride, and nitrate contaminants. Sulfur is found to be the
most damaging. In addition, electronic components should never be exposed to condensing water on the surface of the
printed circuit board assembly (PCBA) or exposed to an ambient relative humidity greater than 95%. Materials used in
cabinet fabrication, such as vulcanized rubber, that can outgas corrosive compounds should be minimized or eliminated.
The useful life of any electronic equipment may be extended by replacing materials near circuitry with sulfide-free
alternatives.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com