Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2000DM006 Datasheet(PDF) 20 Page - Seagate Technology LLC

Part # ST2000DM006
Description  7200 RPM spindle speed.
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAGATE [Seagate Technology LLC]
Direct Link  https://www.seagate.com/as/en/
Logo SEAGATE - Seagate Technology LLC

ST2000DM006 Datasheet(HTML) 20 Page - Seagate Technology LLC

Back Button ST2000DM006 Datasheet HTML 16Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 17Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 18Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 19Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 20Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 21Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 22Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 23Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 24Page - Seagate Technology LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Seagate BarraCuda Product Manual, Rev. A
19
www.seagate.com
Drive Specifications
Korean RRA
If these drives have the Korean Communications Commission (KCC) logo, they comply with paragraph 1 of Article 11 of the
Electromagnetic Compatibility control Regulation and meet the Electromagnetic Compatibility (EMC) Framework
requirements of the Radio Research Agency (RRA) Communications Commission, Republic of Korea.
These drives have been tested and comply with the Electromagnetic Interference/Electromagnetic Susceptibility (EMI/
EMS) for Class B products. Drives are tested in a representative, end-user system by a Korean-recognized lab.
• Family name: Barracuda
• Certificate number: KCC-REM-STX-Barracuda
Australian RCM Compliance Mark
Models displayed with the RCM compliance mark, comply with the mandatory standards as per the Australian
Communications and Media Authority (ACMA) Electromagnetic Compatibility (EMC) regulatory arrangement.
2.13.3 FCC verification
These drives are intended to be contained solely within a personal computer or similar enclosure (not attached as an
external device). As such, each drive is considered to be a subassembly even when it is individually marketed to the
customer. As a subassembly, no Federal Communications Commission verification or certification of the device is required.
Seagate has tested this device in enclosures as described above to ensure that the total assembly (enclosure, disk drive,
motherboard, power supply, etc.) does comply with the limits for a Class B computing device, pursuant to Subpart J, Part
15 of the FCC rules. Operation with non-certified assemblies is likely to result in interference to radio and television
reception.
Radio and television interference. This equipment generates and uses radio frequency energy and if not installed and
used in strict accordance with the manufacturer’s instructions, may cause interference to radio and television reception.
This equipment is designed to provide reasonable protection against such interference in a residential installation.
However, there is no guarantee that interference will not occur in a particular installation. If this equipment does cause
interference to radio or television, which can be determined by turning the equipment on and off, users are encouraged to
try one or more of the following corrective measures:
• Reorient the receiving antenna.
• Move the device to one side or the other of the radio or TV.
• Move the device farther away from the radio or TV.
• Plug the computer into a different outlet so that the receiver and computer are on different branch outlets.
If necessary, users should consult the dealer or an experienced radio/television technician for additional suggestions.
Users may find helpful the following booklet prepared by the Federal Communications Commission: How to Identify and
Resolve Radio-Television Interference Problems. This booklet is available from the Superintendent of Documents,
U.S. Government Printing Office, Washington, DC 20402. Refer to publication number 004-000-00345-4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com