Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2000DM006 Datasheet(PDF) 33 Page - Seagate Technology LLC

Part # ST2000DM006
Description  7200 RPM spindle speed.
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAGATE [Seagate Technology LLC]
Direct Link  https://www.seagate.com/as/en/
Logo SEAGATE - Seagate Technology LLC

ST2000DM006 Datasheet(HTML) 33 Page - Seagate Technology LLC

Back Button ST2000DM006 Datasheet HTML 29Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 30Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 31Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 32Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 33Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 34Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 35Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 36Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 37Page - Seagate Technology LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
Seagate BarraCuda Product Manual, Rev. A
32
www.seagate.com
SATA Interface
60–61
Total number of user-addressable LBA sectors available
(see Section 2.2 for related information)
*Note: The maximum value allowed in this field is: 0FFFFFFFh (268,435,455
sectors, 137GB). Drives with capacities over 137GB will have 0FFFFFFFh in this
field and the actual number of user-addressable LBAs specified in words 100-
103. This is required for drives that support the 48-bit addressing feature.
0FFFFFFFh*
62
Retired
0000H
63
Multiword DMA active and modes supported
(see note following this table)
xx07H
64
Advanced PIO modes supported (modes 3 and 4 supported)
0003H
65
Minimum multiword DMA transfer cycle time per word (120 nsec)
0078H
66
Recommended multiword DMA transfer cycle time per word
(120 nsec)
0078H
67
Minimum PIO cycle time without IORDY flow control (240 nsec)
0078H
68
Minimum PIO cycle time with IORDY flow control (120 nsec)
0078H
69–74
ATA-reserved
0000H
75
Queue depth
001FH
76
SATA capabilities
xxxxH
77
Reserved for future SATA definition
xxxxH
78
SATA features supported
xxxxH
79
SATA features enabled
xxxxH
80
Major version number
01F0H
81
Minor version number
0028H
82
Command sets supported
364BH
83
Command sets supported
7F09H
84
Command sets support extension (see note following this table)
4163H
85
Command sets enabled
30xxH
86
Command sets enabled
BE09H
87
Command sets enable extension
4163H
88
Ultra DMA support and current mode (see note following this table)
xx7FH
89
Security erase time
0039H
90
Enhanced security erase time
0039H
92
Master password revision code
FFFEH
93
Hardware reset value
xxxxH
94
Automatic acoustic management
8080H
95–99
ATA-reserved
0000H
Table 9
Identify Device commands (continued)
Word
Description
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com