Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2000DM006 Datasheet(PDF) 35 Page - Seagate Technology LLC

Part # ST2000DM006
Description  7200 RPM spindle speed.
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAGATE [Seagate Technology LLC]
Direct Link  https://www.seagate.com/as/en/
Logo SEAGATE - Seagate Technology LLC

ST2000DM006 Datasheet(HTML) 35 Page - Seagate Technology LLC

Back Button ST2000DM006 Datasheet HTML 30Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 31Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 32Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 33Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 34Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 35Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 36Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 37Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 38Page - Seagate Technology LLC  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
Seagate BarraCuda Product Manual, Rev. A
34
www.seagate.com
SATA Interface
Description (if bit is set to 1)
Bit
Word 63
0
Multiword DMA mode 0 is supported.
1
Multiword DMA mode 1 is supported.
2
Multiword DMA mode 2 is supported.
8
Multiword DMA mode 0 is currently active.
9
Multiword DMA mode 1 is currently active.
10
Multiword DMA mode 2 is currently active.
Bit
Word 84
0
SMART error login is supported.
1
SMART self-test is supported.
2
Media serial number is supported.
3
Media Card Pass Through Command feature set is supported.
4
Streaming feature set is supported.
5
GPL feature set is supported.
6
WRITE DMA FUA EXT and WRITE MULTIPLE FUA EXT commands are supported.
7
WRITE DMA QUEUED FUA EXT command is supported.
8
64-bit World Wide Name is supported.
9-10
Obsolete.
11-12
Reserved for TLC.
13
IDLE IMMEDIATE command with IUNLOAD feature is supported.
14
Shall be set to 1.
15
Shall be cleared to 0.
Bit
Word 88
0
Ultra DMA mode 0 is supported.
1
Ultra DMA mode 1 is supported.
2
Ultra DMA mode 2 is supported.
3
Ultra DMA mode 3 is supported.
4
Ultra DMA mode 4 is supported.
5
Ultra DMA mode 5 is supported.
6
Ultra DMA mode 6 is supported.
8
Ultra DMA mode 0 is currently active.
9
Ultra DMA mode 1 is currently active.
10
Ultra DMA mode 2 is currently active.
11
Ultra DMA mode 3 is currently active.
12
Ultra DMA mode 4 is currently active.
13
Ultra DMA mode 5 is currently active.
14
Ultra DMA mode 6 is currently active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com