Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2000DM006 Datasheet(PDF) 30 Page - Seagate Technology LLC

Part # ST2000DM006
Description  7200 RPM spindle speed.
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAGATE [Seagate Technology LLC]
Direct Link  https://www.seagate.com/as/en/
Logo SEAGATE - Seagate Technology LLC

ST2000DM006 Datasheet(HTML) 30 Page - Seagate Technology LLC

Back Button ST2000DM006 Datasheet HTML 26Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 27Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 28Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 29Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 30Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 31Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 32Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 33Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 34Page - Seagate Technology LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
Seagate BarraCuda Product Manual, Rev. A
29
www.seagate.com
SATA Interface
5.3
Supported ATA commands
The following table lists SATA standard commands that the drive supports.
For a detailed description of the ATA commands, refer to the Serial ATA International Organization:
Serial ATA Revision 3.2 (http://www.sata-io.org).
See “S.M.A.R.T. commands” on page 36 for details and subcommands used in the S.M.A.R.T. implementation.
Table 8
SATA standard commands
Command name
Command code (in hex)
Check Power Mode
E5H
Device Configuration Freeze Lock
B1H / C1H
Device Configuration Identify
B1H / C2H
Device Configuration Restore
B1H / C0H
Device Configuration Set
B1H / C3H
Device Reset
08H
Download Microcode
92H
Execute Device Diagnostics
90H
Flush Cache
E7H
Flush Cache Extended
EAH
Format Track
50H
Identify Device
ECH
Idle
E3H
Idle Immediate
E1H
Initialize Device Parameters
91H
Read Buffer
E4H
Read DMA
C8H
Read DMA Extended
25H
Read DMA Without Retries
C9H
Read Log Ext
2FH
Read Multiple
C4H
Read Multiple Extended
29H
Read Native Max Address
F8H
Read Native Max Address Extended
27H
Read Sectors
20H
Read Sectors Extended
24H
Read Sectors Without Retries
21H
Read Verify Sectors
40H
Read Verify Sectors Extended
42H
Read Verify Sectors Without Retries
41H
Recalibrate
10H
Security Disable Password
F6H
Security Erase Prepare
F3H
Security Erase Unit
F4H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com